Electronic Components Datasheet Search
  English  ▼

X  

BA3918 Datasheet(PDF) 6 Page - AG Electronica

Part # BA3918
Description  System power supply for car stereos
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

BA3918 Datasheet(HTML) 6 Page - AG Electronica

  BA3918 Datasheet HTML 1Page - AG Electronica BA3918 Datasheet HTML 2Page - AG Electronica BA3918 Datasheet HTML 3Page - AG Electronica BA3918 Datasheet HTML 4Page - AG Electronica BA3918 Datasheet HTML 5Page - AG Electronica BA3918 Datasheet HTML 6Page - AG Electronica BA3918 Datasheet HTML 7Page - AG Electronica BA3918 Datasheet HTML 8Page - AG Electronica BA3918 Datasheet HTML 9Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
247
Regulator ICs
BA3918
FEstimate of allowable power dissipation
Except under transitional conditions, the power dissipation of this IC is 3W per unit at 25
_C.
See Fig. 4 for thermal derating characteristics, including some cases where heat sinks are used.
A = maximum voltage for VCC
I1 = maximum output current for VDD
I2 = maximum output current for COM
I3 = maximum output current for AMP
I4 = maximum output current for ANT
I5 = maximum output current for AM
I6 = maximum output current for FM
S Power consumed by VDD 5.6V
P1 = (A
* 5.6V)
I1
) (I1 / 20 ) I1 / 10)
A
S Power consumed by COM 8.7V
P2 = (A
* 8.7V)
I2
) (I2 / 30 ) I2 / 10)
A
S Power consumed by AMP
P3 = 1V
I3
) (22mA)
A
S Power consumed by ANT
P4 = 1V
I4
) (22mA)
A
S Power consumed by AM 8.7V
P5 = (A
* 8.7V)
I5
) (I5 / 30 ) I5 / 10)
A
S Power consumed by FM 8.7V
P6 = (A
* 8.7V)
I6
) (I2 / 50 ) I6 / 10)
A
S Power consumed internally by each circuit
P7 = VCC
circuit current (about 5mA)
PMax. = P1
) P2 ) P3 ) P4 ) (P5 or P6, whichever is greater) ) P7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com