Electronic Components Datasheet Search
  English  ▼

X  

ML1350 Datasheet(PDF) 5 Page - LANSDALE Semiconductor Inc.

Part # ML1350
Description  Monolithic IF Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML1350 Datasheet(HTML) 5 Page - LANSDALE Semiconductor Inc.

  ML1350 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML1350 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML1350 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML1350 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML1350 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML1350 Datasheet HTML 6Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.lansdale.com
Page 5 of 6
Issue A
LANSDALE Semiconductor, Inc.
ML1350
Typical application of a AM
Modulator using ML1350
Figure 12.
MOD input
AGC
RF out
RF input
+V
V2
10V
R3
10k 40%
C7
1uF
P2
P3
C6
470pF
T1
C5
47pF
L2
1uH
P1
C4
.1uF
C3
.1uF
C2
.1uF
C1
220pF
+V
V1
12V
ML1350
5
6
7
8
1
2
3
4
U2
R2
50
R1
5.1k



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com