Electronic Components Datasheet Search
  English  ▼

X  

8026432 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8026432
Description  Connection block
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8026432 Datasheet(HTML) 1 Page - Festo Corporation.

  8026432 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Connection block
VABM-B10-30EEE-G34-2-P3
Part number: 8026432
General operating condition
Data sheet
Feature
Value
Width dimension
32 mm
Mounting position
Any
Max. no. of valve positions
2
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Product weight
1111 g
Type of mounting
With through-hole
Pilot air port 12
G1/8
Pneumatic connection 1
G3/4
Pneumatic connection 3
G3/4
Note on materials
RoHS-compliant
Manifold rail material
Wrought aluminum alloy
1/19/25 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 8026432

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8026430 FESTO-8026430 Datasheet
97Kb / 1P
Connection block
8026431 FESTO-8026431 Datasheet
93Kb / 1P
Connection block
8026433 FESTO-8026433 Datasheet
91Kb / 1P
Supply plate
8/8/22
8026434 FESTO-8026434 Datasheet
83Kb / 1P
Supply plate
8/8/22
8026435 FESTO-8026435 Datasheet
85Kb / 1P
Supply plate
8/8/22
More results

Similar Description - 8026432

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
195706 FESTO-195706 Datasheet
79Kb / 1P
Connection block
195708 FESTO-195708 Datasheet
75Kb / 1P
Connection block
541254 FESTO-541254 Datasheet
80Kb / 1P
Connection block
541519 FESTO-541519 Datasheet
73Kb / 1P
Connection block
565704 FESTO-565704 Datasheet
75Kb / 1P
Connection block
8154581 FESTO-8154581 Datasheet
68Kb / 1P
Connection block
7/20/22
8154589 FESTO-8154589 Datasheet
69Kb / 1P
Connection block
7/20/22
8154590 FESTO-8154590 Datasheet
68Kb / 1P
Connection block
7/20/22
8154598 FESTO-8154598 Datasheet
68Kb / 1P
Connection block
7/20/22
18842 FESTO-18842 Datasheet
66Kb / 1P
Connection block
7/31/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com