Electronic Components Datasheet Search
  English  ▼

X  

ML3372 Datasheet(PDF) 13 Page - LANSDALE Semiconductor Inc.

Part # ML3372
Description  Low Power Narrowband FM IF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3372 Datasheet(HTML) 13 Page - LANSDALE Semiconductor Inc.

Back Button ML3372 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML3372 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML3372 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML3372 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML3372 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML3372 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML3372 Datasheet HTML 15Page - LANSDALE Semiconductor Inc. ML3372 Datasheet HTML 16Page - LANSDALE Semiconductor Inc. ML3372 Datasheet HTML 17Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
www.lansdale.com
Page 13 of 19
Issue A
LANSDALE Semiconductor, Inc.
ML3371, ML3372
455 Khz ceramic filter
Volume
Squelch
SPI
C23
1uF
+V
V2
5V
C22
.001uF
D1
1N914
C21
.1uF
C14
.001uF
C13
.022uF
C12
.22uF
R15
1k
R14
510k
R13
4.7k
R12
3.3kk
R11
4.7k
R5
100k
P1
C9
.1uF
C8
.1uF
C7
.1uF
R1
20k
C6
150pF
L2
1uH
+V
V1
10V
C5
33pF
C4
33pF
L1
1uH
C3
47pF
C2
1nF
C1
15pF
U1
cerfil
U2
C10
1nF
L3
1uH
D2
MV209
J2
U3
C20
.1uF
C19
.1uF
C18
1nF
XTAL2
1.000MHZ
C17
27pF
C16
27pF
+V
V3
5V
C15
.1uF
R10
10k
R9
3.3k
R8
10k
R7
2.7k
R6
1Meg
R2
10k 40%
C11
.1uF
R3
51k
R4
10k 40%
Figure 11b. Typical Application using PLL ML145170 Device Allowing Multiple Channel Operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com