Electronic Components Datasheet Search
  English  ▼

X  

ML3356RP Datasheet(PDF) 9 Page - LANSDALE Semiconductor Inc.

Part # ML3356RP
Description  Wideband FSK Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3356RP Datasheet(HTML) 9 Page - LANSDALE Semiconductor Inc.

  ML3356RP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML3356RP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML3356RP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML3356RP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML3356RP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML3356RP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML3356RP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML3356RP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML3356RP Datasheet HTML 9Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www.lansdale.com
Page 9 of 9
Issue A
LANSDALE Semiconductor, Inc.
ML3356
P DIP 20 = RP
PLASTIC PACKAGE
(ML3356RP)
CASE 738–03
SO 20 = -6P
PLASTIC PACKAGE
(ML3356-6P)
CASE 751D–03
(SO–20L)
OUTLINE DIMENSIONS
0.050 BSC
0.100 BSC
0.300 BSC
1.27 BSC
2.54 BSC
7.62 BSC
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
25.66
6.10
3.81
0.39
1.27
0.21
2.80
0
°
0.51
27.17
6.60
4.57
0.55
1.77
0.38
3.55
15
°
1.01
1.010
0.240
0.150
0.015
0.050
0.008
0.110
0
°
0.020
1.070
0.260
0.180
0.022
0.070
0.015
0.140
15
°
0.040
A
B
C
D
E
F
G
J
K
L
M
N
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION “L” TO CENTER OF LEAD WHEN
FORMED PARALLEL.
4. DIMENSION “B” DOES NOT INCLUDE MOLD
FLASH.
5. 738–02 OBSOLETE, NEW STANDARD 738–03.
–A
–
C
K
N
E
GF
D 20 PL
J 20 PL
L
M
–T–
SEATING
PLANE
110
11
20
0.25 (0.010)
T
A
M
M
0.25 (0.010)
T
B
M
M
B
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
0.510
0.299
0.104
0.019
0.035
0.012
0.009
7
°
0.415
0.029
0.499
0.292
0.093
0.014
0.020
0.010
0.004
0
°
0.395
0.010
12.95
7.60
2.65
0.49
0.90
0.32
0.25
7
°
10.55
0.75
12.65
7.40
2.35
0.35
0.50
0.25
0.10
0
°
10.05
0.25
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER
SIDE.
5. 751D–01, AND –02 OBSOLETE, NEW STANDARD
751D–03.
1.27 BSC
0.050 BSC
–A
–
–B
–
P
10 PL
1
10
11
20
G
–T–
D 20 PL
K
C
SEATING
PLANE
R X 45
°
M
F
J
0.25 (0.010)
B
M
M
0.25 (0.010)
T
B
A
M
S
S
Lansdale Semiconductor reserves the right to make changes without further notice to any products herein to improve reliabili-
ty, function or design. Lansdale does not assume any liability arising out of the application or use of any product or circuit
described herein; neither does it convey any license under its patent rights nor the rights of others. “Typical” parameters which
may be provided in Lansdale data sheets and/or specifications can vary in different applications, and actual performance may
vary over time. All operating parameters, including “Typicals” must be validated for each customer application by the customer’s
technical experts. Lansdale Semiconductor is a registered trademark of Lansdale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com