Electronic Components Datasheet Search
  English  ▼

X  

1213 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 1213
Description  SPEED DRIVER INTEGRATED SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

1213 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  1213 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AM-BD2453AN Series
Nominal voltage
V
12
12
18
24
24
1213
1210
1813
2414
2410
No load speed
±12%
rpm
13010
10460
12920
9770
No load current Max 150%
mA
180
140
115
100
75
17.6
18.7
18.3
18.4
21.5
Recommend
limit for
continuous
operating
Max cont. torque
mN.m
Rated Speed
rpm
11818
9188
11495
12429
8514
mA
2200
1860
1500
1200
W
18.0
22.0
23.9
19.1
Rated Current
Rated Power
Starting current
mA
22222
14286
12676
12632
7273
167
209
166
153
193
mN.m
Maximum power output
W
65.6
40.2
56.0
74.6
42.7
%
83
81
82
83
81
Maximum Efficiency
Operating Range
V
10~28
10~28
10~28
10~28
10~28
Controlled
Controlled
Controlled
Controlled
Controlled
2.4
2.5
2.8
2.4
2.1
Mechanical time constant
ms
3.45
3.45
3.45
3.45
3.45
Moment of inertia
gcm2
Torque constant
mN.m/A
8.7
10.8
13.2
16.7
23.2
rpm/V
1093
880
724
572
411
Speed constant
Speed/torque gradient
rpm/mN.m
67.6
68.2
78.0
65.2
58.5
126.7
126.8
125.7
126.3
127.5
g
Weight
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
Total Length: L T=L1+L2+L3
Cable 1: Red
+Vcc
L2:BD24 L3:EN16S L3:EN16T
Cable 2: Blue
GND
53.0
10.7
12.0
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
ADDITIONAL INFORMATION
Motor Model
Brushless Motor
Ball Bearings
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Plug definition (AWG 28#)
Molex: 51021-0500
Connection (AWG 22#)
Stall torque
Type of Current
10.5 K/W
2.5 N
50 N
≤0.02 mm
85ºC
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play:
Ambient temperature range:
768S
16.0 N
3.0 mm
0 (
<4.0N )
-30 to 65ºC
Recommended Gearbox:
Planetary Gearbox:
AM-24GP
AM-26GP
Recommended Encoder:
Encoder S: AM-EN1611S***
2~3 Channels
Encoder T: AM-EN1612T***
2~3 Channels
AM-BD2453AN Combination Scheme
For more combination specs, visit Assun Motor website.
1000
Download datasheet: https://assunmotor.com/documents-download
13625
21.8
GND
Plug 2: Black
FG Pulse
Plug 3 : Yellow
CW/CCW
Plug 4: Red
PWM
Plug 5: Blue
Brake
DC BRUSHLESS MOTOR
SPEED DRIVER INTEGRATED SERIES
Standard rear shaft diameter:
3 mm
Standard rear shaft length “L”:
0/3.7/5.5 mm
Incorrect wiring
will damage the built-in driver of the motor!
Plug 1: Brown
L1:24GP
L1:26GP
34.3
36
42.8
44.5
24
25.7
51.3
53
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - 1213

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
1213 LINEAR-1213 Datasheet
391Kb / 20P
28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
logo
Electronic Film Capacit...
1213 EFC-1213 Datasheet
54Kb / 9P
METALLIZED POLYPROPYLENE
logo
Yantel Corporation
1213 YANTEL-1213 Datasheet
454Kb / 2P
Variable RF Inductor
logo
Belden Inc.
1213 BELDEN-1213 Datasheet
175Kb / 3P
Category 5E Cable, 4 Pair, U/UTP, CMP
2022 Belden, Inc
logo
ASSUN MOTOR Pte Ltd.
1213 ASSUN-1213 Datasheet
286Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
More results

Similar Description - 1213

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1711 SUTEX-MD1711 Datasheet
192Kb / 9P
HIGH SPEED INTEGRATED ULTRASOUND DRIVER IC
logo
Maxim Integrated Produc...
MAX8811 MAXIM-MAX8811 Datasheet
166Kb / 11P
High-Speed, Dual-Phase Driver with Integrated Boost Diodes
Rev 0; 1/06
logo
Analog Devices
ADM2485 AD-ADM2485 Datasheet
559Kb / 15P
High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
logo
Maxim Integrated Produc...
MAX8811 MAXIM-MAX8811_07 Datasheet
167Kb / 11P
High-Speed, Dual-Phase Driver with Integrated Boost Diodes
Rev 1; 4/07
logo
Supertex, Inc
MD1711 SUTEX-MD1711_07 Datasheet
472Kb / 10P
High Speed, Integrated Ultrasound Driver IC
logo
Analog Devices
ADM2485 AD-ADM2485_07 Datasheet
587Kb / 20P
High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
REV. A
logo
Supertex, Inc
MD1712 SUTEX-MD1712 Datasheet
901Kb / 12P
High Speed, Integrated Ultrasound Driver IC
MD1711 SUTEX-MD1711_14 Datasheet
585Kb / 12P
High Speed, Integrated Ultrasound Driver IC
logo
Texas Instruments
MCT8316A TI-MCT8316A Datasheet
4Mb / 168P
MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
SLLSFH8 ??AUGUST 2021
MCT8317A TI1-MCT8317A Datasheet
3Mb / 161P
MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
JANUARY 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com