Electronic Components Datasheet Search
  English  ▼

X  

2413 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 2413
Description  SPEED DRIVER INTEGRATED SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

2413 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  2413 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC BRUSHLESS MOTOR
SPEED DRIVER INTEGRATED SERIES
Nominal voltage
V
24
24
24
24
2413
2410
2408
2407
No load speed
±12%
rpm
12500
10200
8200
No load current Max 150%
mA
220
165
100
85
32.5
41.0
50.0
56.1
Recommend
limit for
continuous
operating
Max cont. torque
mN.m
Rated Speed
rpm
11997
9525
7409
6116
mA
2000
1900
1800
W
40.9
38.8
35.9
Rated Current
Rated Power
Starting current
mA
44444
27907
18750
14118
459
518
620
807
mN.m
Maximum power output
W
264.0
165.5
111.3
83.7
%
86
85
86
85
Maximum Efficiency
Operating Range
V
10~28
10~28
10~28
10~28
Controlled
Controlled
Controlled
Controlled
2.7
2.9
2.8
2.7
Mechanical time constant
ms
16.75
16.75
16.75
16.75
Moment of inertia
gcm2
Torque constant
mN.m/A
18.2
22.3
27.8
32.7
rpm/V
523
428
343
292
Speed constant
Speed/torque gradient
rpm/mN.m
15.5
16.5
15.8
15.2
327.4
327.2
328.1
328.4
g
Weight
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
Total Length: L T=L1+L2+L3
Cable 1: Red
+Vcc
L2:BD36 L3:EN22S L3:EN36T
Cable 2: Blue
GND
60.5
10.7
12.0
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
ADDITIONAL INFORMATION
Motor Model
Brushless Motor
Ball Bearings
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Plug definition (AWG 28#)
Molex: 51021-0500
Connection (AWG 20#)
Stall torque
Type of Current
6.9 K/W
6.0 N
110 N
≤0.02 mm
85ºC
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play:
Ambient temperature range:
1188 S
28.0 N
4.0 mm
0 (
<6.0N )
-30 to 65ºC
Recommended Gearbox:
Planetary Gearbox:
AM-36GP
AM-40GP
c
Encoder S: AM-EN2211S***
2~3 Channels
Encoder T: AM-EN3612T***
2~3 Channels
AM-BD3660AN Combination Scheme
For more combination specs, visit Assun Motor website.
Download datasheet: https://assunmotor.com/documents-download
6966
40.8
12
1209
8840
230
43.4
8066
3600
38710
496
114.8
85
10~28
Controlled
3.1
16.75
12.9
741
17.8
326.8
36.7
12
1211
11200
320
39.5
10472
4200
60000
607
178.1
86
10~28
Controlled
3.2
16.75
10.2
938
18.4
326.3
43.3
GND
Plug 2: Black
FG Pulse
Plug 3 : Yellow CW/CCW
Plug 4: Red
PWM
Plug 5: Blue
Brake
2000
AM-BD3660AN Series
Standard rear shaft diameter:
5 mm
Standard rear shaft length “L”:
0/3.7/5.5 mm
Incorrect wiring
will damage the built-in driver of the motor!
Plug 1: Brown
L1:36GP
L1:40GP
30.6
35.3
57.6
69.8
39.6
46.8
48.6
58.3
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - 2413

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2413 KR-2413 Datasheet
22Kb / 2P
Bandpass Filter
logo
List of Unclassifed Man...
2413 ETC2-2413 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
2413 ETC2-2413 Datasheet
116Kb / 5P
CAT6 (350 MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
logo
Belden Inc.
2413 BELDEN-2413 Datasheet
274Kb / 3P
Category 6 Enhanced Cable, 4 Pair, U/UTP, CMP
logo
ASSUN MOTOR Pte Ltd.
2413 ASSUN-2413 Datasheet
314Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
More results

Similar Description - 2413

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1711 SUTEX-MD1711 Datasheet
192Kb / 9P
HIGH SPEED INTEGRATED ULTRASOUND DRIVER IC
logo
Maxim Integrated Produc...
MAX8811 MAXIM-MAX8811 Datasheet
166Kb / 11P
High-Speed, Dual-Phase Driver with Integrated Boost Diodes
Rev 0; 1/06
logo
Analog Devices
ADM2485 AD-ADM2485 Datasheet
559Kb / 15P
High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
logo
Maxim Integrated Produc...
MAX8811 MAXIM-MAX8811_07 Datasheet
167Kb / 11P
High-Speed, Dual-Phase Driver with Integrated Boost Diodes
Rev 1; 4/07
logo
Supertex, Inc
MD1711 SUTEX-MD1711_07 Datasheet
472Kb / 10P
High Speed, Integrated Ultrasound Driver IC
logo
Analog Devices
ADM2485 AD-ADM2485_07 Datasheet
587Kb / 20P
High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
REV. A
logo
Supertex, Inc
MD1712 SUTEX-MD1712 Datasheet
901Kb / 12P
High Speed, Integrated Ultrasound Driver IC
MD1711 SUTEX-MD1711_14 Datasheet
585Kb / 12P
High Speed, Integrated Ultrasound Driver IC
logo
Texas Instruments
MCT8316A TI-MCT8316A Datasheet
4Mb / 168P
MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
SLLSFH8 ??AUGUST 2021
MCT8317A TI1-MCT8317A Datasheet
3Mb / 161P
MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
JANUARY 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com