Electronic Components Datasheet Search
  English  ▼

X  

2407 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 2407
Description  SPEED DRIVER INTEGRATED SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

2407 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  2407 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
02
45
2020 Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.
DC BRUSHLESS MOTOR
SPEED DRIVER INTEGRATED SERIES
Visit Our Website and Online Shop at https://assunmotor.com
Contact: info@assunmotor.com
Nom
inal voltage
V
24
24
24
24
2413
2409
2408
2407
N
o load speed
±12%
rpm
12832
9752
8448
N
o load current Max 150%
m
A
190
127
110
86
21.5
29.7
32.0
36.1
Recommend
limit for
contin
uous
op
erating
Max cont. torque
mN.m
Rated Speed
rpm
12390
9133
7769
6237
mA
1400
1300
1200
W
28.4
26.1
23.6
Rated Current
Rated Power
S
tarting current
m
A
35294
20168
14907
10213
328
398
468
624
mN.m
Maximum power output
W
209.5
119.5
88.1
60.2
%
86
85
84
82
Maximum Efficiency
Operating Range
V
10~28
10~28
10~28
10~28
Controlled
Controlled
Controlled
Controlled
2.9
2.9
3.0
3.0
Mechanical time constant
m
s
13.3
13.3
13.3
13.3
Moment of inertia
gcm2
To
rque constant
mN
.m/A
17.8
23.4
26.9
32.4
rpm/V
538
409
355
294
Speed co
nstant
Speed/
torque gradient
rpm/mN.m
20.6
20.8
21.2
21.3
240
240
240
240
g
Wei
ght
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum radial play:
Cable 1: Red
+Vcc
L1:32GP
L1:36GP
L2:BD32
L3:EN22S
L3:EN24T
Cable 2: Blue
GND
27.4
39.6
35.9
48.9
44.4
57.6
60.0
10.7
12.0
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
ADDITIONAL INFORMATION
Motor Model
Brushless Motor
Ball Bearings
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Plug definition (AWG 28#)
Molex: 51021-0500
Connection (AWG 20#)
Stall torque
Type of Current
7.8 K/W
4.0 N
50 N
≤0.02 mm
85º
C
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play:
Ambient temperature range:
1089 S
16.0 N
3.0 mm
0 (
<4.0N )
-30 to 65ºC
Recommended Gearbox:
Planetary Gearbox:
AM-32GP
AM-36GP
Recommended Encoder
:
Encoder S: AM-EN2211S***
2~3 Channels
Encoder T: AM-EN2412T***
2~3 Channels
AM-BD3260AN Combination Scheme
Download datasheet:
https://assunmotor.com/documents-download
7008
27.9
12
1208
8127
192
36.5
7362
2800
27907
388
82.6
84
10~28
Controlled
2.9
13.3
14.0
682
20.9
240
28.2
12
1212
12191
355
23.8
11671
2900
60000
557
177.9
85
10~28
3.0
13.3
9.3
1022
21.9
240
29.1
Plug 1: Red
GND
Plug 2: Black
FG Pulse
Plug 3 : Yellow
CW/CCW
Plug 4: Red
PWM
Plug 5: Blue
Brake
1400
AM-BD3260AN Series
Standard Rear Shaft Diameter:
4 mm
Standard rear shaft length “L”:
0/3.7/5.5 mm
For more combination specs, visit Assun Motor website.
Controlled
Total Length: LT=L1+L2+L3
Incorrect wiring
will damage the built-in driver of the motor!


Similar Part No. - 2407

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2407 KR-2407 Datasheet
24Kb / 2P
Bandpass Filter
logo
List of Unclassifed Man...
2407 ETC2-2407 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Heyco.
2407 HEYCO-2407 Datasheet
106Kb / 1P
Snap Bushings
logo
ASSUN MOTOR Pte Ltd.
2407 ASSUN-2407 Datasheet
264Kb / 1P
SPEED DRIVER INTEGRATED SERIES
2020
2407 ASSUN-2407 Datasheet
587Kb / 1P
SPEED DRIVER INTEGRATED SERIES
2023-A
More results

Similar Description - 2407

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1711 SUTEX-MD1711 Datasheet
192Kb / 9P
HIGH SPEED INTEGRATED ULTRASOUND DRIVER IC
logo
Maxim Integrated Produc...
MAX8811 MAXIM-MAX8811 Datasheet
166Kb / 11P
High-Speed, Dual-Phase Driver with Integrated Boost Diodes
Rev 0; 1/06
logo
Analog Devices
ADM2485 AD-ADM2485 Datasheet
559Kb / 15P
High Speed Isolated RS-485 Transceiver with Integrated Transformer Driver
logo
Maxim Integrated Produc...
MAX8811 MAXIM-MAX8811_07 Datasheet
167Kb / 11P
High-Speed, Dual-Phase Driver with Integrated Boost Diodes
Rev 1; 4/07
logo
Supertex, Inc
MD1711 SUTEX-MD1711_07 Datasheet
472Kb / 10P
High Speed, Integrated Ultrasound Driver IC
logo
Analog Devices
ADM2485 AD-ADM2485_07 Datasheet
587Kb / 20P
High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
REV. A
logo
Supertex, Inc
MD1712 SUTEX-MD1712 Datasheet
901Kb / 12P
High Speed, Integrated Ultrasound Driver IC
MD1711 SUTEX-MD1711_14 Datasheet
585Kb / 12P
High Speed, Integrated Ultrasound Driver IC
logo
Texas Instruments
MCT8316A TI-MCT8316A Datasheet
4Mb / 168P
MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
SLLSFH8 ??AUGUST 2021
MCT8317A TI1-MCT8317A Datasheet
3Mb / 161P
MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
JANUARY 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com