Electronic Components Datasheet Search
  English  ▼

X  

1208 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 1208
Description  HIGH POWER SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

1208 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  1208 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AM-BL2845BF Series
Nominal voltage
V
12
12
18
18
24
24
1210
1208
1810
1808
2410
2408
No load speed
±12%
rpm
10370
7930
10111
10370
8171
No load current Max 150%
mA
417
333
278
222
208
61.69
61.66
59.87
64.03
59.49
65.44
6996
Recommend
limit for
continuous
operating
Max cont. torque
mN.m
Rated Speed
rpm
9126
6684
8916
6801
9217
mA
6000
4600
3800
3200
2500
W
43.16
55.90
45.60
57.43
47.94
Rated Current
Rated Power
Starting current
mA
50000
29268
32143
21429
26087
17391
488
577
455
546
523
553
mN.m
Maximum power output
W
150.0
87.8
144.6
96.4
156.5
104.3
%
83
80
82
81
83
81
Maximum Efficiency
Terminal resistance ±12%
Ω
0.24
0.41
0.56
0.84
0.92
1.38
2.28
2.28
2.25
2.11
2.19
2.03
mH
Z
Mechanical time constant
ms
11.6
11.6
11.6
11.6
11.6
11.6
Moment of inertia
gcm2
Torque constant
mN.m/A
11.06
14.45
17.00
21.50
22.10
28.05
rpm/V
864
661
562
444
432
340
Speed constant
Speed/torque gradient
rpm/mN.m
22.8
20.8
20.3
19.7
26.2
20.1
180
180
180
180
180
180
g
Weight
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
Total Length: L T=L1+L2+L3
Cable 1: Yellow
Winding A
L1:28GP
L1:32GP
L2:BL28 L3:EN16S L3:EN16T
Cable 2: Red
Winding B
27.4
35.9
44.4
45.0
10.7
12.0
Cable 3: Blue
Winding C
Hall 3~16V
Plug 2: Black
Hall GND
Plug 3: Yellow
Hall A
Plug 4: Red
Hall B
Plug 5: Blue
Hall C
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
ADDITIONAL INFORMATION
Motor Model
Brushless Motor
Ball Bearings
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Plug definition (AWG 28#)
Molex: 51021-0500
Connection (AWG 22#)
Stall torque
Inductance
(1KH )
10.2 K/W
4.0 N
50 N
≤0.02 mm
155ºC
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play:
Ambient temperature range:
822 S
16.0 N
3.0mm
0 (
<4.0N )
-30 to 65ºC
Recommended Gearbox:
Planetary Gearbox:
AM-28GP
AM-32GP
Recommended Encoder:
Encoder S: AM-EN1611S***
2~3 Channels
Encoder T: AM-EN1612T***
2~3 Channels
AM-BL2845BF Combiniation Scheme
For more combination specs, visit Assun Motor website.
2900
167
Download datasheet: https://assunmotor.com/documents-download
7995
58.96
DC BRUSHLESS MOTOR
HIGH POWER SERIES
Standard rear shaft diameter:
4 mm
Standard rear shaft length “L”:
0/3.7/5.5 mm
Plug 1: Brown
0.078
33.3
40.5
26.1
0.014
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - 1208

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
1208 JMK-1208 Datasheet
41Kb / 1P
Operating Voltage= 250 / 480 VAC 3 PH Wye OperatingCurrentMax= 80, 100amp
logo
Tyco Electronics
1208 MACOM-1208 Datasheet
199Kb / 6P
SMD High Power Precision Resistors
logo
ASSUN MOTOR Pte Ltd.
1208 ASSUN-1208 Datasheet
328Kb / 1P
STANDARD SERIES
2024-A
1208 ASSUN-1208 Datasheet
258Kb / 1P
SPEED DRIVER INTEGRATED SERIES
2020
1208 ASSUN-1208 Datasheet
618Kb / 1P
HIGH TEMPERATURE SERIES
2024-A
More results

Similar Description - 1208

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EOC-20UW50 ETC1-EOC-20UW50 Datasheet
155Kb / 2P
HIGH-POWER CHIPLED - EOC - 20 SERIES
logo
Voltage Multipliers Inc...
HVP050P5000 VMI-HVP050P5000 Datasheet
142Kb / 2P
High Voltage Power Supply - 250W Series
logo
Rohm
PSL0102 ROHM-PSL0102 Datasheet
1Mb / 4P
High Power White LEDs SSML series
2012.01 - Rev.A
logo
Tyco Electronics
1623746 MACOM-1623746 Datasheet
43Kb / 1P
HIGH POWER RESISTORS SERIES ER74
1623772 MACOM-1623772 Datasheet
71Kb / 1P
HIGH POWER RESISTORS SERIES C7
logo
Bourns Electronic Solut...
SRR1208-100ML BOURNS-SRR1208-100ML Datasheet
344Kb / 2P
SRR1208 Series - Shielded High Power Inductors
logo
Lite-On Technology Corp...
LTPL-M02 LITEON-LTPL-M02 Datasheet
1Mb / 24P
LED HIGH POWER CoB Product Series
logo
Cooper Bussmann, Inc.
HCM1104-R56-R COOPER-HCM1104-R56-R Datasheet
1Mb / 6P
High Current Power Inductors HCM1104 Series
logo
Roithner LaserTechnik G...
LDMP-0905-10W-51 ROITHNER-LDMP-0905-10W-51 Datasheet
158Kb / 3P
LDMP- SERIES HIGH POWER PULSED
logo
IXYS Corporation
MCO600-20IO1 IXYS-MCO600-20IO1 Datasheet
202Kb / 4P
High Power Single High Power Single
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com