Electronic Components Datasheet Search
  English  ▼

X  

2409 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 2409
Description  HIGH TEMPERATURE SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

2409 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  2409 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC BRUSHLESS MOTOR
HIGH TEMPERATURE SERIES
AM-BL3270AE Series
Nominal voltage
V
12
12
24
24
36
36
1210
1207
2412
2409
3611
3609
No load speed
±12%
rpm
9794
6529
11523
10882
9182
No load current Max 150%
mA
355
192
190
127
94
64.4
75.0
65.5
73.5
72.6
71.5
8139
Recommend
limit for
continuous
operating
Max cont. torque
mN.m
Rated Speed
rpm
8746
5371
10533
7800
9804
mA
5900
4500
3500
3000
2400
2000
W
59.0
42.2
72.3
60.1
74.5
61.0
Rated Current
Rated Power
Starting current
mA
52174
24490
38710
23301
23377
16981
630
733
593
762
423
602
mN.m
Maximum power output
W
154.4
72.3
230.0
138.3
208.7
151.4
%
84
83
86
56
88
87
Maximum Efficiency
Terminal resistance ±12%
Ω
0.23
0.49
0.62
1.03
1.54
2.12
mH
Z
Mechanical time constant
ms
2.6
2.5
2.4
2.4
2.4
2.3
15.3
15.3
15.3
15.3
15.3
15.3
Moment of inertia
gcm2
Torque constant
mN.m/A
11.6
17.4
19.8
25.6
31.5
37.3
rpm/V
822
548
482
373
303
256
Speed constant
Speed/torque gradient
rpm/mN.m
16.3
15.4
15.1
15.0
14.9
14.6
280
280
280
280
280
280
g
Weight
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
Total Length: L T=L1+L2+L3
Cable 1: Yellow
Winding A
L1:32GP
L1:36GP
L2:BL32 L3:EN22S L3:EN24T
Cable 2: Red
Winding B
27.4
39.6
48.6
70.0
10.7
12.0
Cable 3: Blue
Winding C
35.9
44.4
57.6
Hall 3~16V
Plug 2: Black
Hall GND
Plug 3: Yellow
Hall A
Plug 4: Red
Hall B
Plug 5: Blue
Hall C
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
ADDITIONAL INFORMATION
Motor Model
Brushless Motor
Ball Bearings
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Plug definition (AWG 28#)
Molex: 51021-0500
Connection (AWG 20#)
Stall torque
Inductance
(1KH )
7.0 K/W
6.0 N
110N
≤0.02 mm
125ºC
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play:
Ambient temperature range:
1163 S
28.0 N
4.0 mm
0 (
<6.0N )
-30 to 65ºC
Recommended Gearbox:
Planetary Gearbox:
AM-32GP
AM-36GP
Recommended Encoder:
Encoder S: AM-EN2211S***
2~3 Channels
Encoder T: AM-EN2412T***
2~3 Channels
AM-BL3270AE Combiniation Scheme
For more combination specs, visit Assun Motor website.
80
Download datasheet: https://assunmotor.com/documents-download
8904
Standard rear shaft diameter:
4 mm
Standard rear shaft length “L”:
0/3.7/5.5 mm
Plug 1: Brown
0.09
0.21
0.2
N/A
0.12
0.285
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
202
4-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - 2409

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2409 KR-2409 Datasheet
19Kb / 2P
Notch Filter
logo
List of Unclassifed Man...
2409 ETC2-2409 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Heyco.
2409 HEYCO-2409 Datasheet
106Kb / 1P
Snap Bushings
logo
ASSUN MOTOR Pte Ltd.
2409 ASSUN-2409 Datasheet
375Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
2409 ASSUN-2409 Datasheet
229Kb / 1P
STANDARD SERIES
2023-A
More results

Similar Description - 2409

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHTA30 ETC1-CHTA30 Datasheet
267Kb / 2P
HIGH TEMPERATURE 150C SERIES
logo
Vishay Siliconix
IHTH1125MZEB220M5A VISHAY-IHTH1125MZEB220M5A Datasheet
110Kb / 1P
High Current Inductor, High Temperature Series
03-Mar-10
logo
SunLED Corporation
XZDGK55W10MAV-3HTA SUNLED-XZDGK55W10MAV-3HTA Datasheet
350Kb / 6P
3.2x1.6mm High Temperature Series
XZFRAZ67SBX-HTA SUNLED-XZFRAZ67SBX-HTA Datasheet
331Kb / 8P
4.0x4.0mm High Temperature Series
XZM2ACR45SRP-HTA SUNLED-XZM2ACR45SRP-HTA Datasheet
408Kb / 7P
3.5x2.8mm High Temperature Series
XZM2ACRZ45W-2HTA SUNLED-XZM2ACRZ45W-2HTA Datasheet
359Kb / 6P
3.5 x2.8mm High Temperature Series
XZM2CYK67S30MAV-HTA SUNLED-XZM2CYK67S30MAV-HTA Datasheet
353Kb / 7P
4.0x4.0mm High Temperature Series
XZMDK55W-3HTA SUNLED-XZMDK55W-3HTA Datasheet
364Kb / 6P
3.2mmx1.6mm High Temperature Series
XZMOK55W-3HTA SUNLED-XZMOK55W-3HTA Datasheet
366Kb / 6P
3.2mmx1.6mm High Temperature Series
XZZYF45W-2HTA SUNLED-XZZYF45W-2HTA Datasheet
318Kb / 6P
3.5 x2.8mm High Temperature Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com