Electronic Components Datasheet Search
  English  ▼

X  

2406 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 2406
Description  HIGH POWER SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

2406 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  2406 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AM-BL3690BF Series
Nominal voltage
V
24
24
36
36
48
48
2408
2406
3609
3610
4809
4805
No load speed
±12%
rpm
8488
6063
9095
8935
4993
No load current Max 150%
mA
521
358
375
178
281
207.33
235.65
205.07
257.99
201.04
263.93
4425
Recommend
limit for
continuous
operating
Max cont. torque
mN.m
Rated Speed
rpm
7995
5529
8626
4533
8474
mA
8200
6600
5800
4000
3000
W
136.62
185.23
122.46
178.40
122.30
Rated Current
Rated Power
Starting current
mA
141176
75000
112500
36364
81356
26374
2421
4174
2455
4253
2835
3812
mN.m
Maximum power output
W
847.1
450.0
1012.5
327.3
976.3
316.5
%
88
87
89
86
89
87
Maximum Efficiency
Terminal resistance ±12%
Ω
0.17
0.32
0.32
0.99
0.59
1.82
1.76
1.69
1.69
1.64
1.69
1.63
mH
Z
Mechanical time constant
ms
74.56
74.56
74.56
74.56
74.56
74.56
Moment of inertia
gcm2
Torque constant
mN.m/A
27
37.8
37.8
67.5
51.3
91.8
rpm/V
354
253
253
141
186
104
Speed constant
Speed/torque gradient
rpm/mN.m
2.2
2.1
2.1
2.1
2.1
2.1
480
480
480
480
480
480
g
Weight
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
Total Length: L T=L1+L2+L3
Cable 1: Yellow
Winding A
L1:36GP
L1:40GP
L2:BL36 L3:EN22S L3:EN36T
Cable 2: Red
Winding B
39.6
46.8
48.6
58.3
57.6
69.8
90
10.7
12.0
Cable 3: Blue
Winding C
Hall 3~16V
Plug 2: Black
Hall GND
Plug 3: Yellow
Hall A
Plug 4: Red
Hall B
Plug 5: Blue
Hall C
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
ADDITIONAL INFORMATION
Motor Model
Brushless Motor
Ball Bearings
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Plug definition (AWG 28#)
Molex: 51021-0500
Connection (AWG 20#)
Stall torque
Inductance
(1KH )
K/W
6.0 N
110 N
≤0.02 mm
155ºC
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play:
Ambient temperature range:
S
28.0 N
4.0 mm
0 (
<6.0N )
-30 to 65ºC
Recommended Gearbox:
Planetary Gearbox:
AM-36GP
AM-40GP
Recommended Encoder:
Encoder S: AM-EN2211S***
2~3 Channels
Encoder T: AM-EN3612T***
2~3 Channels
AM-BL3690BF Combiniation Scheme
For more combination specs, visit Assun Motor website.
4200
125
Download datasheet:
5093
173.59
DC BRUSHLESS MOTOR
HIGH POWER SERIES
https://assunmotor.com/documents-download
Standard rear shaft diameter:
5 mm
Standard rear shaft length “L”:
0/3.7/5.5 mm
Plug 1: Brown
0.02
0.068
0.37
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - 2406

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2406 KR-2406 Datasheet
26Kb / 2P
Video Filter
logo
List of Unclassifed Man...
2406 ETC2-2406 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Heyco.
2406 HEYCO-2406 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
2406 HEYCO-2406 Datasheet
106Kb / 1P
Snap Bushings
logo
ASSUN MOTOR Pte Ltd.
2406 ASSUN-2406 Datasheet
242Kb / 1P
STANDARD SERIES
2023-A
More results

Similar Description - 2406

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EOC-20UW50 ETC1-EOC-20UW50 Datasheet
155Kb / 2P
HIGH-POWER CHIPLED - EOC - 20 SERIES
logo
Voltage Multipliers Inc...
HVP050P5000 VMI-HVP050P5000 Datasheet
142Kb / 2P
High Voltage Power Supply - 250W Series
logo
Rohm
PSL0102 ROHM-PSL0102 Datasheet
1Mb / 4P
High Power White LEDs SSML series
2012.01 - Rev.A
logo
Tyco Electronics
1623746 MACOM-1623746 Datasheet
43Kb / 1P
HIGH POWER RESISTORS SERIES ER74
1623772 MACOM-1623772 Datasheet
71Kb / 1P
HIGH POWER RESISTORS SERIES C7
logo
Bourns Electronic Solut...
SRR1208-100ML BOURNS-SRR1208-100ML Datasheet
344Kb / 2P
SRR1208 Series - Shielded High Power Inductors
logo
Lite-On Technology Corp...
LTPL-M02 LITEON-LTPL-M02 Datasheet
1Mb / 24P
LED HIGH POWER CoB Product Series
logo
Cooper Bussmann, Inc.
HCM1104-R56-R COOPER-HCM1104-R56-R Datasheet
1Mb / 6P
High Current Power Inductors HCM1104 Series
logo
Roithner LaserTechnik G...
LDMP-0905-10W-51 ROITHNER-LDMP-0905-10W-51 Datasheet
158Kb / 3P
LDMP- SERIES HIGH POWER PULSED
logo
IXYS Corporation
MCO600-20IO1 IXYS-MCO600-20IO1 Datasheet
202Kb / 4P
High Power Single High Power Single
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com