Electronic Components Datasheet Search
  English  ▼

X  

2406 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 2406
Description  HIGH TEMPERATURE SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

2406 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  2406 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AM-BL45100AE Series
Nominal voltage
V
24
24
36
36
48
48
2411
2406
3610
3606
4810
4806
No load speed
±12%
rpm
11240
5900
10340
10360
6450
No load current Max 150%
mA
600
320
390
200
370
160.4
238.7
179.2
246.7
151.1
233.8
5788
Recommend
limit for
continuous
operating
Max cont. torque
mN.m
Rated Speed
rpm
10646
5258
9794
5684
9921
mA
8500
6500
5800
4800
3500
W
178.9
131.4
183.8
146.8
156.9
141.7
Rated Current
Rated Power
Starting current
mA
150000
57143
102857
42353
81356
32432
2278
3567
2261
3394
2195
3034
mN.m
Maximum power output
W
892.8
1339.0
918.7
377.6
967.4
384.6
%
88
86
88
87
87
85
Maximum Efficiency
Terminal resistance ±12%
Ω
0.16
0.42
0.35
0.85
0.59
1.48
0.035
0.14
0.11
0.31
0.21
0.55
mH
Z
Mechanical time constant
ms
4.3
3.1
3.5
3.2
3.3
3.3
109.8
109.8
109.8
109.8
109.8
109.8
Moment of inertia
gcm2
Torque constant
mN.m/A
20.3
38.6
33.1
53.6
44.0
70.6
rpm/V
470
247
288
178
217
135
Speed constant
Speed/torque gradient
rpm/mN.m
3.7
2.7
3.0
2.8
2.9
2.8
846.5
850.0
852.5
841.5
847.5
840.3
g
Weight
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
Total Length: L T=L1+L2+L3
Cable 1: Yellow
Winding A
L1:45GP
L1:52GP
L2:BL45 L3:EN22S L3:EN36T
Cable 2: Red
Winding B
100.0
10.7
12.0
Cable 3: Blue
Winding C
Hall 3~16V
Plug 2: Black
Hall GND
Plug 3: Yellow
Hall A
Plug 4: Red
Hall B
Plug 5: Blue
Hall C
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
ADDITIONAL INFORMATION
Motor Model
Brushless Motor
Ball Bearings
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Plug definition (AWG 28#)
Molex: 51021-0500
Connection (AWG 18#)
Stall torque
Inductance
(1KH )
3.6K/W
8.0 N
170N
≤0.02 mm
125ºC
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play:
Ambient temperature range:
1286S
180.0 N
4.5mm
0 (
<8.0N )
-30 to 65ºC
Recommended Gearbox:
Planetary Gearbox:
AM-45GP
AM-52GP
Recommended Encoder:
Encoder S: AM-EN2211S***
2~3 Channels
Encoder T: AM-EN3612***
2~3 Channels
AM-BL45100AE Combiniation Scheme
For more combination specs, visit Assun Motor website.
190
Download datasheet: https://assunmotor.com/documents-download
6380
3800
DC BRUSHLESS MOTOR
HIGH TEMPERATURE SERIES
Standard rear shaft diameter:
8 mm
Standard rear shaft length “L”:
0/3.7/5.5 mm
Plug 1: Brown
60.1
79.3
72.1
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - 2406

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2406 KR-2406 Datasheet
26Kb / 2P
Video Filter
logo
List of Unclassifed Man...
2406 ETC2-2406 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Heyco.
2406 HEYCO-2406 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
2406 HEYCO-2406 Datasheet
106Kb / 1P
Snap Bushings
logo
ASSUN MOTOR Pte Ltd.
2406 ASSUN-2406 Datasheet
242Kb / 1P
STANDARD SERIES
2023-A
More results

Similar Description - 2406

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHTA30 ETC1-CHTA30 Datasheet
267Kb / 2P
HIGH TEMPERATURE 150C SERIES
logo
Vishay Siliconix
IHTH1125MZEB220M5A VISHAY-IHTH1125MZEB220M5A Datasheet
110Kb / 1P
High Current Inductor, High Temperature Series
03-Mar-10
logo
SunLED Corporation
XZDGK55W10MAV-3HTA SUNLED-XZDGK55W10MAV-3HTA Datasheet
350Kb / 6P
3.2x1.6mm High Temperature Series
XZFRAZ67SBX-HTA SUNLED-XZFRAZ67SBX-HTA Datasheet
331Kb / 8P
4.0x4.0mm High Temperature Series
XZM2ACR45SRP-HTA SUNLED-XZM2ACR45SRP-HTA Datasheet
408Kb / 7P
3.5x2.8mm High Temperature Series
XZM2ACRZ45W-2HTA SUNLED-XZM2ACRZ45W-2HTA Datasheet
359Kb / 6P
3.5 x2.8mm High Temperature Series
XZM2CYK67S30MAV-HTA SUNLED-XZM2CYK67S30MAV-HTA Datasheet
353Kb / 7P
4.0x4.0mm High Temperature Series
XZMDK55W-3HTA SUNLED-XZMDK55W-3HTA Datasheet
364Kb / 6P
3.2mmx1.6mm High Temperature Series
XZMOK55W-3HTA SUNLED-XZMOK55W-3HTA Datasheet
366Kb / 6P
3.2mmx1.6mm High Temperature Series
XZZYF45W-2HTA SUNLED-XZZYF45W-2HTA Datasheet
318Kb / 6P
3.5 x2.8mm High Temperature Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com