Electronic Components Datasheet Search
  English  ▼

X  

4807 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 4807
Description  HIGH POWER SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

4807 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  4807 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC BRUSHLESS MOTOR
HIGH POWER SERIES
AM-BL45100BF Series
Nominal voltage
V
No load speed
±12%
rpm
No load current Max 150%
mA
Recommend
limit for
continuous
operating
Max cont. torque
mN.m
Rated Speed
rpm
mA
W
Rated Current
Rated Power
Starting current
mA
mN.m
Maximum power output
W
%
Maximum Efficiency
Terminal resistance ±12%
Ω
mH
Z
Mechanical time constant
ms
Moment of inertia
gcm2
Torque constant
mN.m/A
rpm/V
Speed constant
Speed/torque gradient
rpm/mN.m
g
Weight
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial play (5mm from mounting face):
Maximum winding temperature:
Total Length: L T=L1+L2+L3
Cable 1: Yellow
Winding A
L1:45GP
L1:52GP
L2:BL45 L3:EN22S L3:EN36T
Cable 2: Red
Winding B
100.0
10.7
12.0
Cable 3: Blue
Winding C
Hall 3~16V
Plug 2: Black
Hall GND
Plug 3: Yellow
Hall A
Plug 4: Red
Hall B
Plug 5: Blue
Hall C
Motor data tested at 25ºC. Motor operation exceeding continuous limits will reduce life or result in damage.
At elevated ambient temperatures, load current must be reduced.
ADDITIONAL INFORMATION
Motor Model
Brushless Motor
Ball Bearings
Remarks: Client can choose gearbox and encoder to match with this
motor. Some combinations are listed here for reference.
Plug definition (AWG 28#)
Molex: 51021-0500
Connection (AWG 18#)
Stall torque
Inductance
(1KH )
3.3 K/W
8.0 N
170 N
≤0.02 mm
155ºC
Motor thermal time constant:
Radial (5mm from mounting face):
Max allowable screw depth into flange:
Axial play:
Ambient temperature range:
1740 S
180.0 N
4.5 mm
0 (
<8.0N )
-30 to 65ºC
Recommended Gearbox:
Planetary Gearbox:
AM-45GP
AM-52GP
Recommended Encoder:
Encoder S: AM-EN2211S***
2~3 Channels
Encoder T: AM-EN3612T***
2~3 Channels
AM-BL45100BF Combiniation Scheme
For more combination specs, visit Assun Motor website.
Download datasheet: https://assunmotor.com/documents-download
Standard rear shaft diameter:
8 mm
Standard rear shaft length “L”:
0/3.7/5.5 mm
Plug 1: Brown
60.1
72.1
79.3
24
24
36
36
48
2407
2406
3608
3606
4807
7569
5823
9200
7075
670
500
700
289
354.79
358.2
234.3
381.69
230
6804
6397
5427
8812
5382
11000
9600
7000
6600
3890
203.55
216.2
215.12
163.86
218182
141176
149904
124138
111628
7258
7508
5549
5557
7423
1390.1
847.1
1336.6
1117.2
1339.5
90
88
87
91
89
0.11
0.17
0.16
0.29
0.43
2.16
2.49
3.9
1.8
1.71
227.14
227.14
227.14
227.14
227.14
34.02
39.36
37.2
60.48
65.02
281
243
257
158
147
0.9
1.0
1.7
0.8
1
757
757
757
757
757
350
5684
237.68
0.023
0.043
0.13
0.035
N/A
48
4808
8200
430
276.39
7350
214.25
165517
10010
2149.0
90
0.29
1.8
227.14
60.48
158
0.8
757
5000
0.082
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023 Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - 4807

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tuofeng Semico...
4807 TUOFENG-4807 Datasheet
4Mb / 6P
P-Channel Enhancement Mode Power MOSFET
v1.0
logo
ASSUN MOTOR Pte Ltd.
4807 ASSUN-4807 Datasheet
235Kb / 1P
HIGH POWER SERIES
2023-A
4807 ASSUN-4807 Datasheet
219Kb / 1P
METAL BRUSH
2023-A
logo
Keystone Electronics Co...
4807 KEYSTONE-4807 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Filtran LTD
4807-01 FILTRAN-4807-01 Datasheet
89Kb / 1P
Power Transformers Fully Enclosed
More results

Similar Description - 4807

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EOC-20UW50 ETC1-EOC-20UW50 Datasheet
155Kb / 2P
HIGH-POWER CHIPLED - EOC - 20 SERIES
logo
Voltage Multipliers Inc...
HVP050P5000 VMI-HVP050P5000 Datasheet
142Kb / 2P
High Voltage Power Supply - 250W Series
logo
Rohm
PSL0102 ROHM-PSL0102 Datasheet
1Mb / 4P
High Power White LEDs SSML series
2012.01 - Rev.A
logo
Tyco Electronics
1623746 MACOM-1623746 Datasheet
43Kb / 1P
HIGH POWER RESISTORS SERIES ER74
1623772 MACOM-1623772 Datasheet
71Kb / 1P
HIGH POWER RESISTORS SERIES C7
logo
Bourns Electronic Solut...
SRR1208-100ML BOURNS-SRR1208-100ML Datasheet
344Kb / 2P
SRR1208 Series - Shielded High Power Inductors
logo
Lite-On Technology Corp...
LTPL-M02 LITEON-LTPL-M02 Datasheet
1Mb / 24P
LED HIGH POWER CoB Product Series
logo
Cooper Bussmann, Inc.
HCM1104-R56-R COOPER-HCM1104-R56-R Datasheet
1Mb / 6P
High Current Power Inductors HCM1104 Series
logo
Roithner LaserTechnik G...
LDMP-0905-10W-51 ROITHNER-LDMP-0905-10W-51 Datasheet
158Kb / 3P
LDMP- SERIES HIGH POWER PULSED
logo
IXYS Corporation
MCO600-20IO1 IXYS-MCO600-20IO1 Datasheet
202Kb / 4P
High Power Single High Power Single
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com