Electronic Components Datasheet Search
  English  ▼

X  

16780 Datasheet(PDF) 2 Page - Atom Lighting

Part # 16780
Description  Azzure
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

16780 Datasheet(HTML) 2 Page - Atom Lighting

  16780 Datasheet HTML 1Page - Atom Lighting 16780 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WARRANTY
Domestic Use Warranty
3 RTB (Total 3 Years)
Warranty Operating Hours
2500 hrs
This product is provided with a warranty up until the stated
warranty period or until the stated warranty operating hours
has been reached (whichever occurs first).
DIMENSIONS
Minimum Ceiling Depth
220 mm
Cutout
240 mm
Product Height
195 mm
Product Length
270 mm
Product Width
270 mm
LINE DRAWINGS
AZZURE/240/WH/RD
ACCESSORIES
Order code
12677
Description
125mm Duct Adapter to suit
Small Eclipse
Item Code
AT9492
Order code
16776
Description
240mm round exhaust fan
fascia - matt black
Item Code
ECLIPSE/TRIM/240/B/RD
Order code
16780
Description
240mm square exhaust fan
fascia - matt black
Item Code
ECLIPSE/TRIM/240/B/SQ
Order code
16778
Description
240mm square exhaust fan
fascia - matt white
Item Code
ECLIPSE/TRIM/240/WH/SQ
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com