Electronic Components Datasheet Search
  English  ▼

X  

16780 Datasheet(PDF) 1 Page - Atom Lighting

Part # 16780
Description  Eclipse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

16780 Datasheet(HTML) 1 Page - Atom Lighting

  16780 Datasheet HTML 1Page - Atom Lighting 16780 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Eclipse
Ducted exhaust fan
Powerful ball bearing motor for superior reliability
Draught stopper for improved energy efficiency
Enjoy quiet operation
Supplied with flex and plug for easy DIY installation
3-year return to base warranty for peace of mind
ORDERING INFORMATION
Order code
16757
Description
240mm 30W Ducted
exhaust fan with round
white fascia
Item Code
ECLIPSE/240/WH/RD
MECHANICAL
Product Finish
Matt
Fitting Colour
White
Installation Type
Recessed
IP Rating
IPx4
ELECTRICAL
Electrical Rating
Class I
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%.
This effectively means that the voltage range of these
products are 216Vac - 253Vac or 240V +6%
Working Temp Range
-10 to 40 °C
AIR MOVEMENT
Outlet
100 mm
Noise level
42 dB
Motor Wattage
30 W
Motor Type
Ball bearing
Fan Type
Centrifugal
Fan Size
240
Air extraction
270 m3/hr
DRIVER
Flex & Plug or Lead Length
900 mm
Wiring Type
Re-wireable Flex & Plug (3
pin)
COMPLIANCE
Product Design Life
10 years
The product design life relates to the total product life which
includes LEDs, drivers and the enclosure. This is different to
the LED lifetime which only refers to the economical lifetime
of the LEDs at which time the lumen output has dropped
below the L Value. The product design life is calculated at the
maximum ambient or working temperature of the product
and takes into account the Daily Use.
Daily Use
2 hrs
The Daily Use is the recommended time required to meet the
product's design life. Installations can exceed this time,
however
the
product
design
life
will
be
reduced
proportionally.
Standards
AS/NZS 60335.1
AS/NZS 60335.2.80
AS/NZS CISPR 14.1
WARRANTY
Domestic Use Warranty
3 RTB (Total 3 Years)
Warranty Operating Hours
2500 hrs
This product is provided with a warranty up until the stated
warranty period or until the stated warranty operating hours
has been reached (whichever occurs first).
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 16780

ManufacturerPart #DatasheetDescription
logo
Extreme Networks.
16780 EXTREMENETWORKS-16780 Datasheet
558Kb / 20P
Scalable Fixed-Form Switches for Advanced Edge Access and Aggregation
26feb24
logo
Atom Lighting
16780 ATOM-16780 Datasheet
225Kb / 2P
Azzure
22nd of January 2025 08:26:03
16780 ATOM-16780 Datasheet
231Kb / 2P
Eclipse
22nd of January 2025 08:26:57
16780 ATOM-16780 Datasheet
170Kb / 1P
Fascias
27th of January 2025 02:51:29
logo
PHOENIX CONTACT
1678017 PHOENIX-1678017 Datasheet
65Kb / 3P
Housing - HC-B 24-SMLD-84/O1PG29
More results

Similar Description - 16780

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL128S10TFI010 SPANSION-S29GL128S10TFI010 Datasheet
3Mb / 104P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL512S11DHI010 SPANSION-S29GL512S11DHI010 Datasheet
2Mb / 106P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
logo
Hammond Manufacturing L...
ECP HAMMOND-ECP Datasheet
168Kb / 3P
Systeme de commande Eclipse - NEMA 12
ECPH HAMMOND-ECPH Datasheet
46Kb / 1P
Poignee pour systeme de commande Eclipse
ECPP HAMMOND-ECPP Datasheet
47Kb / 1P
Panneau interne pour systeme de commande Eclipse
EHL HAMMOND-EHL Datasheet
55Kb / 1P
poignees Eclipse
EMF HAMMOND-EMF Datasheet
52Kb / 1P
Ensemble de pieds de montage Eclipse
EPIN HAMMOND-EPIN Datasheet
52Kb / 1P
Broches de charniere de remplacement Eclipse
ESF HAMMOND-ESF Datasheet
50Kb / 1P
Bati pivotant Eclipse
ESP HAMMOND-ESP Datasheet
54Kb / 2P
Panneau pivotant Eclipse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com