Electronic Components Datasheet Search
  English  ▼

X  

16772 Datasheet(PDF) 2 Page - Atom Lighting

Part # 16772
Description  Buffalo
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

16772 Datasheet(HTML) 2 Page - Atom Lighting

  16772 Datasheet HTML 1Page - Atom Lighting 16772 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
product's design life. Installations can exceed this time,
however
the
product
design
life
will
be
reduced
proportionally.
Standards
AS/NZS 60335.2.80
AS/NZS 60335.2.30
AS/NZS 60335.1
AS/NZS 60598.2.2
AS/NZS 60598.1
AS/NZS CISPR 14.1
AS CISPR 15
WARRANTY
Domestic Use Warranty
3 Onsite (Total 3 Years)
Warranty Operating Hours
2500 hrs
This product is provided with a warranty up until the stated
warranty period or until the stated warranty operating hours
has been reached (whichever occurs first).
DIMENSIONS
Minimum Ceiling Depth
250 mm
Cutout
375x375 mm
Product Height
193 mm
Product Length
450 mm
Product Width
450 mm
LINE DRAWINGS
BUFFALO/4LT/WH
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com