Electronic Components Datasheet Search
  English  ▼

X  

16773 Datasheet(PDF) 2 Page - Atom Lighting

Part # 16773
Description  St Moritz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

16773 Datasheet(HTML) 2 Page - Atom Lighting

  16773 Datasheet HTML 1Page - Atom Lighting 16773 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
product's design life. Installations can exceed this time,
however
the
product
design
life
will
be
reduced
proportionally.
Standards
AS/NZS 60335.1
AS/NZS 60335.2.80
AS/NZS 60335.2.30
AS/NZS 60598.1
AS/NZS 60598.2.2
AS CISPR 15
AS/NZS CISPR 14
WARRANTY
Domestic Use Warranty
3 Onsite (Total 3 Years)
Warranty Operating Hours
2500 hrs
This product is provided with a warranty up until the stated
warranty period or until the stated warranty operating hours
has been reached (whichever occurs first).
DIMENSIONS
Minimum Ceiling Depth
220 mm
Cutout
325x470 mm
Product Height
210 mm
Product Length
500 mm
Product Width
350 mm
LINE DRAWINGS
STMORITZ
ACCESSORIES
Order code
10361
Description
1000W RJ7S IR Heat Tube to
suit St Moritz bathroom
Heater
Item Code
AT9491
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com