Electronic Components Datasheet Search
  English  ▼

X  

16784 Datasheet(PDF) 2 Page - Atom Lighting

Part # 16784
Description  Eclipse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

16784 Datasheet(HTML) 2 Page - Atom Lighting

  16784 Datasheet HTML 1Page - Atom Lighting 16784 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS
Minimum Ceiling Depth
220 mm
Cutout
240 mm
Product Height
195 mm
Product Length
270 mm
Product Width
270 mm
LINE DRAWINGS
ECLIPSE/240/WH/SQ
ACCESSORIES
Order code
12677
Description
125mm Duct Adapter to suit
Small Eclipse
Item Code
AT9492
Order code
16776
Description
240mm round exhaust fan
fascia - matt black
Item Code
ECLIPSE/TRIM/240/B/RD
Order code
16780
Description
240mm square exhaust fan
fascia - matt black
Item Code
ECLIPSE/TRIM/240/B/SQ
Order code
16778
Description
240mm square exhaust fan
fascia - matt white
Item Code
ECLIPSE/TRIM/240/WH/SQ
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com