Electronic Components Datasheet Search
  English  ▼

X  

GL423 Datasheet(PDF) 25 Page - GENESYS LOGIC

Part # GL423
Description  USB 2.0 SD/MMC-controller Combo Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL423 Datasheet(HTML) 25 Page - GENESYS LOGIC

Back Button GL423 Datasheet HTML 21Page - GENESYS LOGIC GL423 Datasheet HTML 22Page - GENESYS LOGIC GL423 Datasheet HTML 23Page - GENESYS LOGIC GL423 Datasheet HTML 24Page - GENESYS LOGIC GL423 Datasheet HTML 25Page - GENESYS LOGIC GL423 Datasheet HTML 26Page - GENESYS LOGIC GL423 Datasheet HTML 27Page - GENESYS LOGIC GL423 Datasheet HTML 28Page - GENESYS LOGIC GL423 Datasheet HTML 29Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
GL422/GL423 USB 2.0 +SD/MMC-controller Combo Solution
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 25
23
D5
DA4
48
PAD_DA4
B
FLASH bus bit4
25
C6
DA5
50
PAD_DA5
B
FLASH bus bit5
27
B6
DA6
61
PAD_DA6
B
FLASH bus bit6
28
A6
DA7
62
PAD_DA7
B
FLASH bus bit7
4.6.5 System Interface
Table 4.5 – System Interface
QFN56
Pin#
VFBGA
54
Pin#
Pin Name
Pad#
Pad Name
Type
Description
76
PAD_rst_B
I
Power-on reset input, low active
(Double Bonding)
39
A2
rst_
75
PAD_rst_o
O
Power-on reset output
(Double Bonding)
3
J1
USB_ACT
9
PAD_USB_A
CTV
B
USB active
NC
NC
8
PAD_Prt_B
B
Protect
(No Bonding)
NC
NC
118
PAD_SCLK
B
Test port CLK.
(No Bonding)
NC
NC
119
PAD_SDATA
B
Test port Data.
(No Bonding)
NC
NC
12
PAD_OSCO
O
Clock output for test
5
J2
MCLK
11
PAD_MCLK
I
Main clock input.
(No Bonding)
38
A3
OSC_E
74
PAD_OSC_E
I
Oscillator enable
40
F2
VCC33
77
VCC33
P
Digital 3.3V power supply
24
G3
VCC33
49
VCC33
P
Digital 3.3V power supply
13
G3
VCC33
28
VCC33
P
Digital 3.3V power supply
4
G1
VCC33
10
VCC33
P
Digital 3.3V power supply
36
D4
CVDD18
70
CVDD18
P
Digital 1.8V power supply
15
H6
CVDD18
31
CVDD18
P
Digital 1.8V power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com