Electronic Components Datasheet Search
  English  ▼

X  

ML12502 Datasheet(PDF) 1 Page - LANSDALE Semiconductor Inc.

Part # ML12502
Description  Analog Mixer With On-Chip Regulator For Bias Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12502 Datasheet(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML12502 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12502 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12502 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12502 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12502 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12502 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12502 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12502 Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.lansdale.com
Page 1 of 8
Issue 0
ML12502
Analog Mixer With On–Chip
Regulator For Bias Control
Legacy Device: Motorola 12502
The ML12502 is the military temperature version of the
commercial ML12002 device. It is a double balanced ana-
log mixer, including an input amplifier feeding the mixer
carrier port and a temperature compensated bias regulator.
The input circuits for both the amplifier and mixer are dif-
ferential amplifier circuits. The on-chip regulator provides
all of the required biasing.
This circuit is designed for use as a balanced mixer in
high-frequency wide-band circuits. Other typical applica-
tions include suppressed carrier and amplitude modulation,
synchronous AM detection, FM detection, phase detection,
and frequency doubling, at frequencies up to UHF.
There are two package offerings:
• Dual Inline 14 Lead, Ceramic Package.
• Operating Temperature Range: TA = –55° to +125°C
CERDIP 14 = C
CERAMIC PACKAGE
CASE 632
14
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
CERDIP 14
12502/BCA
ML12502/BCA
LANSDALE
PACKAGE
(Top View)
PIN CONNECTIONS
1
2
3
4
5
6
78
9
10
11
12
13
14
VCC
Resistor Load
Data Output
Data Output
Regulator
Bypass
Mixer Signal
Input
Mixer Signal
Input
Regulator
Bypass
Local Oscillator
Input
Local Oscillator
Input
Alternate Signal
Input
Null Adjust
Null Adjust
VEE
Figure 1. Logic Diagram
2
3
8
9
Local
Oscillator
Inputs
Signal
Inputs
Amplifier
VB
VR
Bias
Regulator
Carrier
Port
Mixer
Signal
Port
VR
VB
12
11
Output


Similar Part No. - ML12502

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML12502 LANSDALE-ML12502 Datasheet
1Mb / 8P
Analog Mixer With On?밅hip Regulator For Bias Control
ML12502/BCA LANSDALE-ML12502/BCA Datasheet
1Mb / 8P
Analog Mixer With On?밅hip Regulator For Bias Control
ML12502 LANSDALE-ML12502_08 Datasheet
1Mb / 8P
Analog Mixer With On?밅hip Regulator For Bias Control
More results

Similar Description - ML12502

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8001 NEC-UPC8001 Datasheet
130Kb / 22P
IF AMPLIFIER IC WITH ON-CHIP MIXER FOR DIGITAL CELLULAR PHONES
logo
New Japan Radio
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Sanken electric
SI-3001S SANKEN-SI-3001S Datasheet
36Kb / 2P
Dropper Type Regulator with Output On/Off Control
logo
Zarlink Semiconductor I...
SP8793 ZARLINK-SP8793 Datasheet
269Kb / 6P
WITH ON-CHIP VOLTAGE REGULATOR
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Torex Semiconductor
XC6901 TOREX-XC6901 Datasheet
510Kb / 28P
200mA Negative Voltage Regulator with ON/OFF Control
logo
LANSDALE Semiconductor ...
ML12502 LANSDALE-ML12502_08 Datasheet
1Mb / 8P
Analog Mixer With On?밅hip Regulator For Bias Control
logo
New Japan Radio
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com