Electronic Components Datasheet Search
  English  ▼

X  

18445 Datasheet(PDF) 1 Page - Atom Lighting

Part # 18445
Description  Coolum
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

18445 Datasheet(HTML) 1 Page - Atom Lighting

  18445 Datasheet HTML 1Page - Atom Lighting 18445 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Coolum
4 blade 75W AC ceiling fan
Powerful and efficient 75W AC motor
Easy installation with our quick connect wiring
solution
Pre-balanced for smoother, quieter operation
Slimline design ideal for indoor and covered
outdoor applications
ABS body and canopy with 4 reinforced ABS blades
Hangsure canopy up to 15 degrees
Reversible for summer and winter use
Compatible with Atom Air ceiling fan remote
control ACREMOTE/KIT (sold separately)
3 speed wall controller
ORDERING INFORMATION
Order code
18445
Description
48 inch (1220mm) 4 blade
75W AC ceiling fan white
Item Code
COOLUM/48/WH
MECHANICAL
Body Material
ABS
Fitting Colour
Satin White
IP Rating
IP20
ELECTRICAL
Electrical Rating
Class I
Input Frequency
50Hz Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%.
This effectively means that the voltage range of these
products are 216Vac - 253Vac or 240V +6%
Working Temp Range
-10 to 40 °C
AIR MOVEMENT
Motor Wattage
75 W
Motor Type
AC
No. Speeds
3
Control
Wall control
Ceiling Rake
15 °
Ceiling Drop
300 mm
Blade Pitch
13 °
Blade Material
ABS
Fan Size
1220mm (48inch)
Fan Speed 1
75 W, 270 rpm, 13800 m³/h
Fan Speed 2
37 W, 190 rpm, 10000 m³/h
Fan Speed 3
20 W, 130 rpm, 7800 m³/h
COMPLIANCE
Standards
AS/NZS 60335.1
AS/NZS 60335.2.80
AS CISPR 14
WARRANTY
Domestic Use Warranty
4 Onsite, 2 RTB (Total 6
years)
DIMENSIONS
Product Height
327 mm
Product Weight
6230 g
Product Width
1220 mm
LINE DRAWINGS
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 18445

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1844578 PHOENIX-1844578 Datasheet
92Kb / 4P
Printed-circuit board connector - DFMC 0,5/ 2-ST-2,54
1844581 PHOENIX-1844581 Datasheet
92Kb / 4P
Printed-circuit board connector - DFMC 0,5/ 3-ST-2,54
1844594 PHOENIX-1844594 Datasheet
93Kb / 4P
Printed-circuit board connector - DFMC 0,5/ 4-ST-2,54
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com