Electronic Components Datasheet Search
  English  ▼

X  

GL850G Datasheet(PDF) 21 Page - GENESYS LOGIC

Part # GL850G
Description  USB 2.0 HUB Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL850G Datasheet(HTML) 21 Page - GENESYS LOGIC

Back Button GL850G Datasheet HTML 17Page - GENESYS LOGIC GL850G Datasheet HTML 18Page - GENESYS LOGIC GL850G Datasheet HTML 19Page - GENESYS LOGIC GL850G Datasheet HTML 20Page - GENESYS LOGIC GL850G Datasheet HTML 21Page - GENESYS LOGIC GL850G Datasheet HTML 22Page - GENESYS LOGIC GL850G Datasheet HTML 23Page - GENESYS LOGIC GL850G Datasheet HTML 24Page - GENESYS LOGIC GL850G Datasheet HTML 25Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
GL850G USB 2.0 Low-Power HUB Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 21
CHAPTER 6
ELECTRICAL CHARACTERISTICS
6.1 Maximum Ratings
Table 6.1 – Maximum Ratings
Symbol
Parameter
Min.
Max.
Unit
V5
5V Power Supply
-0.5
+6.0
V
VDD
3.3V Power Supply
-0.5
+3.6
V
VIN
Input Voltage for digital I/O pins
-0.5
+3.6
V
VINOD
Open-drain input pins(Ovcur1~4#,Pself,Reset)
-0.5
+5.5
V
VINUSB
Input Voltage for USB signal (DP, DM) pins
-0.5
+3.6
V
TS
Storage Temperature under bias
-55
+100
oC
FOSC
Frequency
12 MHz ± 0.05%
6.2 Operating Ranges
Table 6.2 – Operating Ranges
Symbol
Parameter
Min.
Typ.
Max.
Unit
V5
5V Power Supply
4.5
5.0
5.5
V
VDD
3.3V Power Supply
3.15
3.3
3.45
V
VIND
Input Voltage for digital I/O pins
-0.5
3.6
V
VINOD
Open-drain input pins(Ovcur1~4#,Pself,Reset)
-0.5
5.0
V
VINUSB
Input Voltage for USB signal (DP, DM) pins
0.5
3.6
V
TA
Ambient Temperature
0
70
oC
6.3 DC Characteristics
Table 6.3 – DC Characteristics Except USB Signals
Symbol
Parameter
Min.
Typ.
Max.
Unit
PD
Power Dissipation
70
-
180
mA
V33
5V to 3.3V regulator output with 200mA load
2.9
3.3
3.52
V
VIL
LOW level input voltage
-
-
0.8
V
VIH
HIGH level input voltage
2.0
-
-
V
VTLH
LOW to HIGH threshold voltage
1.4
1.5
1.6
V
VTHL
HIGH to LOW threshold voltage
0.87
0.94
0.99
V
VOL
LOW level output voltage when IOL=8mA
-
-
0.4
V
VOH
HIGH level output voltage when IOH=8mA
2.4
-
-
V
RDN
Pad internal pull down resister
29
59
135
K
RUP
Pad internal pull up resister
80
108
140
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com