Electronic Components Datasheet Search
  English  ▼

X  

GL830 Datasheet(PDF) 20 Page - GENESYS LOGIC

Part # GL830
Description  USB 2.0 to SATA Bridge Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL830 Datasheet(HTML) 20 Page - GENESYS LOGIC

Back Button GL830 Datasheet HTML 16Page - GENESYS LOGIC GL830 Datasheet HTML 17Page - GENESYS LOGIC GL830 Datasheet HTML 18Page - GENESYS LOGIC GL830 Datasheet HTML 19Page - GENESYS LOGIC GL830 Datasheet HTML 20Page - GENESYS LOGIC GL830 Datasheet HTML 21Page - GENESYS LOGIC GL830 Datasheet HTML 22Page - GENESYS LOGIC GL830 Datasheet HTML 23Page - GENESYS LOGIC GL830 Datasheet HTML 24Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
GL830 USB2.0 to SATA Bridge Controller
©2007 Genesys Logic Inc. - All rights reserved.
Page 20
Miscellaneous Interface
Pin Name
Pin#
Type
Description
TEST
23
I (pd) Test Mode Input
X2
92
B
Crystal Output
X1
93
I
Crystal Input
HRST_
9
I (pu) Reset Pin
MODE0,1
19,49
I
(pd)
Mode Select
00=> USB to SATA; 10=> eSATA to SATA;
01=> USB to PATA; 11=> SATA to PATA
When MODE0,1=11, PIO1=0 is device mode.
When MODE0,1=11, PIO1=1 is host mode.
GPIO0~4
1,61,55,2,
64
B
(pu)
General Purpose I/O #0~#4
PIO0~4
33,34,57,
4,3
B
(pd)
Programmable I/O #0~#4
TXD
24
O
(pu)
8051 UART TXD
RXD
25
B
(pu)
8051 UART RXD
SPDSEL
128
I
(pd)
0 => force in 1.5G; 1 => negotiate interface speed with attached
device (1.5G or 3G)
PHYRDY
63
O
SATA PHY ready
T_ROM
59
I (pd) 0 => Internal ROM; 1 => External ROM
ROM_A0~14
35,31,27,
15,11,5,
125,123,
122,124,
126,7,13,
22,29
O
ROM Address #0~#14
ROM_D0~7
37,41,45,
82,84,53,
43,39
B
(pd)
ROM Data #0~#7
NC
80,97,98,
99,100,
101,102,
103
-
No connection
Notation:
Type
O
Output
I
Input
B
Bi-directional
B/I
Bi-directional, default input
B/O
Bi-directional, default output
P
Power / Ground
A
Analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com