Electronic Components Datasheet Search
  English  ▼

X  

1817 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 1817
Description  BUILT-IN SERVO DRIVE INTEGRATED MOTOR-Brushless
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

1817 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  1817 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
V
V
mA
mA
mN.m/A
mN·m
rpm
Pulse / circle
mN.m
second
gcm2
g
ASSUN SERVO MOTOR
BUILT-IN SERVO DRIVE
INTEGRATED MOTOR-Brushless
AM-PC1656AN SERIES (Built-In CAN+RS485 Communication Protocol)
Brushless Servo Motor
Ball Bearing
Nominal voltage
Voltage Range
Standby current
Rated current
Torque constant
Rated torque
Rated speed
Pulse number / circle
Overload torque
Maximum overload time
Moment of inertia
Weight
Motor Model
Note: Excessive shock loads and periodic oscillations can cause the motor to run unsteadily. Stabilize the system by improving the load.
Additional Information
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial runout (5mm from the thread surface):
Maximum winding temperature
Motor thermal time constant:
Radial (5mm from head face):
Max allowable screw depth info flange:
Axial play:
Ambient temperature range:
Pin Definition
PC software and full set of data:
Part Information
Control function description
CANOPEN DS 301 + 402
(Default node id: 0x08,500kbps)
MODBUS RS485 (RTU)
Default node id: 0X08
Baud rate:57600bps,8,1,N,N.
Wiring diagram
Website:https://www.assunmotor.com.cn/zlxz
Total Length LT=L1+L2+L3
AM-PC
1656AN Combiniation Scheme
Note: The customer can select the gearbox to match the motor. It is
recommended to weld motor shaft gears, some of which are listed
here for reference.
Recommended Gearbox:
For more combination specs, visit Assun Motor website.
Download datasheet: https://assunmotor.com/documents-download
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
202
4-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.
22.5
K/W
1.5
N
40
N
≤0.02 mm
85°C
407
S
6.
0 N
3
.0 mm
0 (
<4.0N )
-40 to 65 °C
L1:16GP
23.3
27
19.6
15.9
L1:19GP
28.4
23.6
18.8
33.2
L2:PC16
55.5
AM-16GP
AM-19GP
1220
12
9.5~14.5
1214
12
9.5~14.5
1827
18
15.5~20.5
1817
18
15.5~20.5
2420
24
21.5~26.5
2416
24
21.5~26.5
55
600
16384
5
5
3
16800
6
0.3
52.6
55
45
45
35
35
450
16384
5
7.1
3.2
10500
6.4
0.3
52.6
420
16384
5
5.2
2.2
24500
4.4
0.3
52.6
360
16384
5
8.6
3.1
14200
6.2
0.3
52.6
280
16384
5
10
2.8
16800
5.2
0.3
52.6
250
16384
5
12.4
3.1
13100
6.2
0.3
52.6
Incorrect wiring will damage the
built-in driver of the motor!
4
. RS485-B
5
. RS485-A
Servo Motor
Cable color Pin1~5:Brown-Black-Yellow-Red-Blue
3
. CAN-H
1
. DGND 2. CAN-L


Similar Part No. - 1817

ManufacturerPart #DatasheetDescription
logo
Heyco.
1817 HEYCO-1817 Datasheet
173Kb / 1P
RDD Lockit™ Strain Relief Bushings – Right Angle
logo
ASSUN MOTOR Pte Ltd.
1817 ASSUN-1817 Datasheet
229Kb / 1P
STANDARD SERIES
2023-A
1817 ASSUN-1817 Datasheet
275Kb / 1P
HIGH TEMPERATURE SERIES
2023
1817 ASSUN-1817 Datasheet
229Kb / 1P
STANDARD SERIES
2023-A
1817 ASSUN-1817 Datasheet
1Mb / 1P
BUILT-IN SERVO DRIVE INTEGRATED MOTOR-Brushless
2024-A
More results

Similar Description - 1817

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
Brushless DC motor drive circuit
April 1994
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
Brushless DC motor drive circuit
April 1994
TDA5142T PHILIPS-TDA5142T Datasheet
267Kb / 20P
Brushless DC motor drive circuit
June 1994
TDA5143T PHILIPS-TDA5143T Datasheet
149Kb / 20P
Brushless DC motor drive circuit
June 1994
TDA5144 PHILIPS-TDA5144 Datasheet
231Kb / 20P
Brushless DC motor drive circuit
June 1994
TDA5145TS PHILIPS-TDA5145TS Datasheet
118Kb / 20P
Brushless DC motor drive circuit
1998 Oct 27
TDA5146T PHILIPS-TDA5146T Datasheet
266Kb / 18P
Brushless DC motor drive circuit
1994 May 18
TDA5240T PHILIPS-TDA5240T Datasheet
3Mb / 19P
Brushless DC motor drive circuit
November 96
TDA5241 PHILIPS-TDA5241 Datasheet
3Mb / 19P
Brushless DC motor drive circuit
November 96
TDF5140A PHILIPS-TDF5140A Datasheet
120Kb / 19P
Brushless DC motor drive circuit
1999 March 15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com