Electronic Components Datasheet Search
  English  ▼

X  

2413 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 2413
Description  BUILT-IN SERVO DRIVE INTEGRATED MOTOR-Brushless
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

2413 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  2413 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
V
V
mA
mA
mN.m/A
mN·m
rpm
Pulse / circle
mN.m
second
gcm2
g
ASSUN SERVO MOTOR
BUILT-IN SERVO DRIVE
INTEGRATED MOTOR-Brushless
AM-PC1664AN SERIES (Built-In CAN+RS485 Communication Protocol )
Brushless Servo Motor
Ball Bearing
Nominal voltage
Voltage Range
Standby current
Rated current
Torque constant
Rated torque
Rated speed
Pulse number / circle
Overload torque
Maximum overload time
Moment of inertia
Weight
Motor Model
Note: Excessive shock loads and periodic oscillations can cause the motor to run unsteadily. Stabilize the system by improving the load.
Additional Information
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial runout (5mm from the thread surface):
Maximum winding temperature
Motor thermal time constant:
Radial (5mm from head face):
Max allowable screw depth info flange:
Axial play:
Ambient temperature range:
Pin Definition
PC software and full set of data:
Part Information
Control function description
CANOPEN DS 301 + 402
(Default node id: 0x08,500kbps)
MODBUS RS485 (RTU)
Default node id: 0X08
Baud rate:57600bps,8,1,N,N.
Wiring diagram
Website:https://www.assunmotor.com.cn/zlxz
Total Length LT=L1+L2+L3
AM-PC
1664AN Combiniation Scheme
Note: The customer can select the gearbox to match the motor. It is
recommended to weld motor shaft gears, some of which are listed
here for reference.
Recommended Gearbox:
For more combination specs, visit Assun Motor website.
Download datasheet: https://assunmotor.com/documents-download
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
202
4-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.
AM-16GP
AM-19GP
17.9
K/W
1.5
N
40
N
≤0.02 mm
85°C
439
S
6.
0 N
3
.0 mm
0 (
<4.0N )
-40 to 65 °C
L1:16GP
23.3
27
19.6
15.9
L1:19GP
28.4
23.6
18.8
33.2
L2:PC16
63.5
Incorrect wiring will damage the
built-in driver of the motor!
9.5~14.5
9.5~14.5
15.5~20.5
15.5~20.5
21.5~26.5
21.5~26.5
1234
1221
12
12
12
18
18
18
24
24
1216
1836
1821
1816
2419
2413
9.5~14.5
15.5~20.5
16384
16384
16384
16384
16384
16384
16384
16384
5
5
5
5
5
5
5
5
55
55
45
45
35
35
55
45
31700
4.6
2.9
1600
9.2
0.41
62.2
17800
5.8
4.8
1200
0.41
62.2
0.41
62.2
0.41
62.2
0.41
62.2
0.41
62.2
0.41
62.2
0.41
62.2
11.6
13200
6.3
6.3
1000
34500
3.5
3.9
900
17800
5.7
73
780
13000
6.2
9.5
650
16100
6.2
10.7
580
9100
6.4
16.0
400
12.6
7
11.4
12.4
12.4
12.8
4
. RS485-B
5
. RS485-A
Servo Motor
Cable color Pin1~5:Brown-Black-Yellow-Red-Blue
3
. CAN-H
1
. DGND 2. CAN-L


Similar Part No. - 2413

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2413 KR-2413 Datasheet
22Kb / 2P
Bandpass Filter
logo
List of Unclassifed Man...
2413 ETC2-2413 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
2413 ETC2-2413 Datasheet
116Kb / 5P
CAT6 (350 MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
logo
Belden Inc.
2413 BELDEN-2413 Datasheet
274Kb / 3P
Category 6 Enhanced Cable, 4 Pair, U/UTP, CMP
logo
ASSUN MOTOR Pte Ltd.
2413 ASSUN-2413 Datasheet
314Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
More results

Similar Description - 2413

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
Brushless DC motor drive circuit
April 1994
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
Brushless DC motor drive circuit
April 1994
TDA5142T PHILIPS-TDA5142T Datasheet
267Kb / 20P
Brushless DC motor drive circuit
June 1994
TDA5143T PHILIPS-TDA5143T Datasheet
149Kb / 20P
Brushless DC motor drive circuit
June 1994
TDA5144 PHILIPS-TDA5144 Datasheet
231Kb / 20P
Brushless DC motor drive circuit
June 1994
TDA5145TS PHILIPS-TDA5145TS Datasheet
118Kb / 20P
Brushless DC motor drive circuit
1998 Oct 27
TDA5146T PHILIPS-TDA5146T Datasheet
266Kb / 18P
Brushless DC motor drive circuit
1994 May 18
TDA5240T PHILIPS-TDA5240T Datasheet
3Mb / 19P
Brushless DC motor drive circuit
November 96
TDA5241 PHILIPS-TDA5241 Datasheet
3Mb / 19P
Brushless DC motor drive circuit
November 96
TDF5140A PHILIPS-TDF5140A Datasheet
120Kb / 19P
Brushless DC motor drive circuit
1999 March 15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com