Electronic Components Datasheet Search
  English  ▼

X  

ML13156 Datasheet(PDF) 18 Page - LANSDALE Semiconductor Inc.

Part # ML13156
Description  Wideband FM IF System
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13156 Datasheet(HTML) 18 Page - LANSDALE Semiconductor Inc.

Back Button ML13156 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML13156 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML13156 Datasheet HTML 15Page - LANSDALE Semiconductor Inc. ML13156 Datasheet HTML 16Page - LANSDALE Semiconductor Inc. ML13156 Datasheet HTML 17Page - LANSDALE Semiconductor Inc. ML13156 Datasheet HTML 18Page - LANSDALE Semiconductor Inc. ML13156 Datasheet HTML 19Page - LANSDALE Semiconductor Inc. ML13156 Datasheet HTML 20Page - LANSDALE Semiconductor Inc. ML13156 Datasheet HTML 21Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
DESCRIPTION
The test setup shown in Figure 29 is configured so that the function
generator supplies a 100 kHz clock source to the bit error rate
tester. This device generates and receives a repeating data pattern
and drives a 5 pole baseband data filter. The filter effectively
reduces harmonic content of the base band data which is used to
modulate the RF generator which is running at 144.45 MHz.
Following processing of the signal by the receiver (ML13156), the
recovered baseband sinewave (data) is AC coupled to the data
slicer. The data slicer is essentially an auto–threshold comparator
which tracks the zero crossing of the incoming sinewave and pro-
vides logic level data at its output. Data errors associated with the
recovered data are collected by the bit error rate receiver and dis-
played.
Bit error rate versus RF signal input level and IF filter bandwidth
are shown in Figure 28. The bit error rate data was taken under the
following test conditions:
• Data rate = 100kbps
• Filter cutoff frequency set to 39% of the data rate or 39 kHz.
• Filter type is a 5 pole equal–ripple with 0.5° phase error.
• VCC = 4.0 Vdc
• Frequency deviation = ±32 kHz.
EVALUATION PC BOARD
The evaluation PCB is very versatile and is intended to be used
across the entire useful frequency range of this device. The center
section of the board provides an area for attaching all SMT compo-
nents to the component ground side (see Figures 32 and 33).
Additionally, the peripheral area surrounding the RF core provides
pads to add supporting and interface circuitry as a particular appli-
cation dictates
ML13156
LANSDALE Semiconductor, Inc.
BER TESTING AND PERORMANCE
–90
Figure 28. Bit Error Rate versus RF
Input Signal Level and IF Bandpass Filter
RF INPUT SIGNAL LEVEL (dBm)
–85
–80
–75
–70
10 –1
10 –5
10 –7
10 –3
IF Filter BW
110 kHz
IF Filter BW
230 kHz
VCC = 4.0 Vdc
Data Pattern = 2E09 Prbs NRZ
Baseband Filter fc = 50 kHz
fdev = ±32 kHz
www.lansdale.com
Page 18 of 21
Issue A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com