Electronic Components Datasheet Search
  English  ▼

X  

1209 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 1209
Description  BUILT-IN SERVO DRIVE INTEGRATED MOTOR-Brushless
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

1209 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  1209 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L2 :PC36
79.3
1188
S
28
.0 N
4.0 mm
0 (
<6.0N )
-40 to 65 °C
6.9
K/W
6
.0 N
110 N
≤0.02 mm
85°C
V
V
mA
mA
mN.m/A
mN·m
rpm
Pulse / circle
mN.m
second
gcm2
g
L1:
36GP
L1:
40GP
39.6
46.8
48.6
3
. RS485-B
1
. CAN-H
4
. RS485-A
2
. CAN-L
57.6
58.3
69.8
ASSUN SERVO MOTOR
BUILT-IN SERVO DRIVE
INTEGRATED MOTOR-Brushless
AM-PC3679AN SERIES (Built-In CAN+RS485 Communication
Protocol,Pulse+Direction Control )
Incorrect wiring will damage the
built-in driver of the motor!
Brushless Servo Motor
Ball Bearing
Nominal voltage
Voltage Range
Standby current
Rated current
Torque constant
Rated torque
Rated speed
Pulse number / circle
Overload torque
Maximum overload time
Moment of inertia
Weight
Motor Model
Note: Excessive shock loads and periodic oscillations can cause the motor to run unsteadily. Stabilize the system by improving the load.
Additional Information
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial runout (5mm from the thread surface):
Maximum winding temperature
Motor thermal time constant:
Radial (5mm from head face):
Max allowable screw depth info flange:
Axial play:
Ambient temperature range:
Pin Definition
PC software and full set of data:
Part Information
Control function description
CANOPEN DS 301 + 402
(Default node id: 0x08,500kbps)
MODBUS RS485 (RTU)
Default node id: 0X08
Baud rate:57600bps,8,1,N,N.
Wiring diagram
Website:https://www.assunmotor.com.cn/zlxz
Total Length LT=L1+L2+L3
AM-PC3679AN Combiniation Scheme
Recommended Gearbox:
AM-36GP
AM-40GP
For more combination specs, visit Assun Motor website.
Note: The customer can select the gearbox to match the motor. It is
recommended to weld motor shaft gears, some of which are listed
here for reference.
Download datasheet: https://assunmotor.com/documents-download
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
202
4-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.
6
. PULS
8
. DGND
7
. SIGN
5
. NC
PULS (Pules input)
SIGN (Direction input)
1211
12
14.5~9.5
5
5
5000
16384
5
1209
12
14
.5~9.5
5
5
4200
16384
5
2413
24
21.5~26.5
35
2200
16384
5
3612
36
33.5~38.5
2
5
16
00
16384
5
3610
36
33.5~38.5
2
5
1500
16384
5
2410
24
21.5~26.5
35
2100
16384
5
9000
38.0
20.1
16.75
362.0
361.6
360.8
361
361.9
362.6
9.1
11.7
15.7
24.7
29.3
45.7
49.1
34.6
39.5
43.8
10000
7800
11500
1120
9500
16.75
16.75
16.75
16.75
16.75
76
91.4
98.2
69.2
79
87.6
Servo Motor
Cable color Pin1:Red,the other:Gray


Similar Part No. - 1209

ManufacturerPart #DatasheetDescription
logo
Energizer
1209 ENERGIZER-1209 Datasheet
151Kb / 2P
6V SUPER HEAVY DUTY
logo
Ashcroft, Inc.
1209 ASHCROFT-1209 Datasheet
974Kb / 3P
1209 4½˝ Stainless Steel Case Process Gauge
RevI_01-06-23
logo
ASSUN MOTOR Pte Ltd.
1209 ASSUN-1209 Datasheet
244Kb / 1P
STANDARD SERIES
2023-A
1209 ASSUN-1209 Datasheet
587Kb / 1P
SPEED DRIVER INTEGRATED SERIES
2023-A
1209 ASSUN-1209 Datasheet
340Kb / 1P
HIGH POWER SERIES
2023-A
More results

Similar Description - 1209

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
Brushless DC motor drive circuit
April 1994
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
Brushless DC motor drive circuit
April 1994
TDA5142T PHILIPS-TDA5142T Datasheet
267Kb / 20P
Brushless DC motor drive circuit
June 1994
TDA5143T PHILIPS-TDA5143T Datasheet
149Kb / 20P
Brushless DC motor drive circuit
June 1994
TDA5144 PHILIPS-TDA5144 Datasheet
231Kb / 20P
Brushless DC motor drive circuit
June 1994
TDA5145TS PHILIPS-TDA5145TS Datasheet
118Kb / 20P
Brushless DC motor drive circuit
1998 Oct 27
TDA5146T PHILIPS-TDA5146T Datasheet
266Kb / 18P
Brushless DC motor drive circuit
1994 May 18
TDA5240T PHILIPS-TDA5240T Datasheet
3Mb / 19P
Brushless DC motor drive circuit
November 96
TDA5241 PHILIPS-TDA5241 Datasheet
3Mb / 19P
Brushless DC motor drive circuit
November 96
TDF5140A PHILIPS-TDF5140A Datasheet
120Kb / 19P
Brushless DC motor drive circuit
1999 March 15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com