Electronic Components Datasheet Search
  English  ▼

X  

2406 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 2406
Description  BUILT-IN SERVO DRIVE INTEGRATED MOTOR-Brushless
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

2406 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  2406 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L2 :PC45
113.1
1286 S
180.0 N
4.5 mm
0 (
<8.0N )
-40 to 65 °C
3.6 K/W
8.0 N
170 N
≤0.02 mm
12
5°C
V
V
mA
mA
mN.m/A
mN·m
rpm
Pulse / circle
mN.m
second
gcm2
g
Wiring diagram
L1:45GP
L1:52GP
36.1
46.3
48.1
Pin Definition
1. RS485-B
3. CAN-H
5. DO-1
7. DI-2
2. RS485-A
4. CAN-L
6. DI-1
8. NC
MODBUS RS485 (RTU)
Default node id: 0X08
Baud rate:57600bps,8,1,N,N.
CANOPEN DS 301 + 402
(Default node id: 0x08,500kbps)
DO Digital Output(5~24VDC)
DI Digital Input(5~24VDC)
PC software and full set of data:
Website:https://www.assunmotor.com.cn/zlxz
60.1
72.1
62.8
95.8
79.3
ASSUN SERVO MOTOR
BUILT-IN SERVO DRIVE
INTEGRATED MOTOR-Brushless
AM-PC45113AE SERIES (Built-In CAN+RS485 Communication Protocol )
Incorrect wiring will damage the
built-in driver of the motor!
Brushless Servo Motor
Ball Bearing
Nominal voltage
Voltage Range
Standby current
Rated current
Torque constant
Rated torque
Rated speed
Pulse number / circle
Overload torque
Maximum overload time
Moment of inertia
Weight
Motor Model
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial runout (5mm from the thread surface):
Maximum winding temperature
Note: Excessive shock loads and periodic oscillations can cause the motor to run unsteadily. Stabilize the system by improving the load.
Additional Information
Motor thermal time constant:
Radial (5mm from head face):
Max allowable screw depth info flange:
Axial play:
Ambient temperature range:
Part Information
Control function description
Total Length LT=L1+L2+L3
AM-PC45113AE Combiniation Scheme
Note: The customer can select the gearbox to match the motor. It is
recommended to weld motor shaft gears, some of which are listed
here for reference.
Recommended Gearbox:
AM-45GP
AM-52GP
For more combination specs, visit Assun Motor website.
Download datasheet: https://assunmotor.com/documents-download
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
202
4-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.
2411
24
21.5~26.5
35
8500
16384
5
2406
24
21.5~26.5
35
6500
35.2
229
5200
16384
5
109.8
3610
36
33
.5~38.5
2
5
5800
16384
5
3606
36
33.5~38.5
2
5
4800
16384
5
4810
48
45
.5~50.5
1
5
3800
16384
5
4806
48
45.5~50.5
1
5
3500
16384
5
18.1
29.7
49.0
38.1
36.6
154
172
237
145
128
10600
9700
5600
9900
5700
109.8
109.8
109.8
109.8
109.8
895.2
891.5
897.5
886.5
892.5
885.3
458
308
344
474
290
256
Servo Motor
Cable color Pin1:Red,the other:Gray


Similar Part No. - 2406

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2406 KR-2406 Datasheet
26Kb / 2P
Video Filter
logo
List of Unclassifed Man...
2406 ETC2-2406 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Heyco.
2406 HEYCO-2406 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
2406 HEYCO-2406 Datasheet
106Kb / 1P
Snap Bushings
logo
ASSUN MOTOR Pte Ltd.
2406 ASSUN-2406 Datasheet
242Kb / 1P
STANDARD SERIES
2023-A
More results

Similar Description - 2406

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
Brushless DC motor drive circuit
April 1994
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
Brushless DC motor drive circuit
April 1994
TDA5142T PHILIPS-TDA5142T Datasheet
267Kb / 20P
Brushless DC motor drive circuit
June 1994
TDA5143T PHILIPS-TDA5143T Datasheet
149Kb / 20P
Brushless DC motor drive circuit
June 1994
TDA5144 PHILIPS-TDA5144 Datasheet
231Kb / 20P
Brushless DC motor drive circuit
June 1994
TDA5145TS PHILIPS-TDA5145TS Datasheet
118Kb / 20P
Brushless DC motor drive circuit
1998 Oct 27
TDA5146T PHILIPS-TDA5146T Datasheet
266Kb / 18P
Brushless DC motor drive circuit
1994 May 18
TDA5240T PHILIPS-TDA5240T Datasheet
3Mb / 19P
Brushless DC motor drive circuit
November 96
TDA5241 PHILIPS-TDA5241 Datasheet
3Mb / 19P
Brushless DC motor drive circuit
November 96
TDF5140A PHILIPS-TDF5140A Datasheet
120Kb / 19P
Brushless DC motor drive circuit
1999 March 15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com