Electronic Components Datasheet Search
  English  ▼

X  

2411 Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # 2411
Description  BUILT-IN SERVO DRIVE INTEGRATED MOTOR-Brushless
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

2411 Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  2411 Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L2 :PC45
113.1
1286 S
180.0 N
4.5 mm
0 (
<6.0N )
-40 to 65 °C
3.6 K/W
8.0 N
100 N
≤0.02 mm
85°C
V
V
mA
mA
mN.m/A
mN·m
rpm
Pulse / circle
mN.m
second
gcm2
g
Wiring diagram
L1:45GP
L1:52GP
36.1
46.3
48.1
Pin Definition
1. RS485-B
3. CAN-H
5. DO-1
7. DI-2
2. RS485-A
4. CAN-L
6. DI-1
8. NC
MODBUS RS485 (RTU)
Default node id: 0X08
Baud rate:57600bps,8,1,N,N.
CANOPEN DS 301 + 402
(Default node id: 0x08,500kbps)
DO Digital Output(5~24VDC)
DI Digital Input(5~24VDC)
PC software and full set of data:
Website:https://www.assunmotor.com.cn/zlxz
60.1
72.1
62.8
95.8
79.3
ASSUN SERVO MOTOR
BUILT-IN SERVO DRIVE
INTEGRATED MOTOR-Brushless
AM-PC45113AN SERIES (Built-In CAN+RS485 Communication Protocol )
Incorrect wiring will damage the
built-in driver of the motor!
Brushless Servo Motor
Ball Bearing
Nominal voltage
Voltage Range
Standby current
Rated current
Torque constant
Rated torque
Rated speed
Pulse number / circle
Overload torque
Maximum overload time
Moment of inertia
Weight
Motor Model
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial runout (5mm from the thread surface):
Maximum winding temperature
Note: Excessive shock loads and periodic oscillations can cause the motor to run unsteadily. Stabilize the system by improving the load.
Additional Information
Motor thermal time constant:
Radial (5mm from head face):
Max allowable screw depth info flange:
Axial play:
Ambient temperature range:
Part Information
Control function description
Total Length LT=L1+L2+L3
AM-PC45113AN Combiniation Scheme
Note: The customer can select the gearbox to match the motor. It is
recommended to weld motor shaft gears, some of which are listed
here for reference.
Recommended Gearbox:
AM-45GP
AM-52GP
For more combination specs, visit Assun Motor website.
Download datasheet: https://assunmotor.com/documents-download
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
202
4-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.
2411
24
21.5~26.5
35
4000
16384
5
2406
24
21.5~26.5
35
4500
3434
155.0
5400
16384
5
109.8
3610
36
33
.5~38.5
2
5
2
500
16384
5
3606
36
33.5~38.5
2
5
2
500
16384
5
4810
48
45
.5~50.5
1
5
15
00
16384
5
4806
48
45.5~50.5
1
5
19
00
16384
5
16.5
26.8
47.4
31.9
61.0
66.0
67.0
118.5
47.8
116
10600
10000
6000
10000
6000
109.8
109.8
109.8
109.8
109.8
895.2
891.5
897.5
886.5
892.5
885.3
310
132
134
237
95.6
232
Servo Motor
Cable color Pin1:Red,the other:Gray


Similar Part No. - 2411

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2411 KR-2411 Datasheet
26Kb / 2P
Video Filter
logo
Pomona Electronics
2411 POMONA-2411 Datasheet
27Kb / 1P
Size B Aluminum Box With Cover Type N Male To Female
logo
Heyco.
2411 HEYCO-2411 Datasheet
105Kb / 1P
Dome Plugs
logo
ASSUN MOTOR Pte Ltd.
2411 ASSUN-2411 Datasheet
242Kb / 1P
STANDARD SERIES
2023-A
2411 ASSUN-2411 Datasheet
583Kb / 1P
SPEED DRIVER INTEGRATED SERIES
2023-A
More results

Similar Description - 2411

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
Brushless DC motor drive circuit
April 1994
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
Brushless DC motor drive circuit
April 1994
TDA5142T PHILIPS-TDA5142T Datasheet
267Kb / 20P
Brushless DC motor drive circuit
June 1994
TDA5143T PHILIPS-TDA5143T Datasheet
149Kb / 20P
Brushless DC motor drive circuit
June 1994
TDA5144 PHILIPS-TDA5144 Datasheet
231Kb / 20P
Brushless DC motor drive circuit
June 1994
TDA5145TS PHILIPS-TDA5145TS Datasheet
118Kb / 20P
Brushless DC motor drive circuit
1998 Oct 27
TDA5146T PHILIPS-TDA5146T Datasheet
266Kb / 18P
Brushless DC motor drive circuit
1994 May 18
TDA5240T PHILIPS-TDA5240T Datasheet
3Mb / 19P
Brushless DC motor drive circuit
November 96
TDA5241 PHILIPS-TDA5241 Datasheet
3Mb / 19P
Brushless DC motor drive circuit
November 96
TDF5140A PHILIPS-TDF5140A Datasheet
120Kb / 19P
Brushless DC motor drive circuit
1999 March 15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com