Electronic Components Datasheet Search
  English  ▼

X  

ML13175 Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML13175
Description  UHF FM/AM Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13175 Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML13175 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13175 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ML13175/ML13176
LANSDALE Semiconductor, Inc.
MAXIMUM RATINGS ( TA = 25 C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
7.0 (max)
Vdc
Operating Supply Voltage Range
VCC
1.8 to 5.0
Vdc
Junction Temperature
TJ
+150
C
Operating Ambient Temperature
TA
– 40 to + 85
C
Storage Temperature
Tstg
– 65 to +150
C
ELECTRICAL CHARACTERISTICS (Figure 2; VEE = – 3.0 Vdc, TA = 25 C, unless otherwise noted.)*
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
Supply Current (Power down: I 11 & I16 = 0)
–
IEE1
– 0.5
–
–
µA
Supply Current (Enable [Pin 11] to VCC thru 30 k, I16 = 0)
–
IEE2
–14
mA
Total Supply Current (Transmit Mode)
(Imod = 2.0 mA; fo = 320 MHz)
–
IEE3
–34
mA
Differential Output Power (f o = 320 MHz; Vref [Pin 9]
= 500 mVp–p; fo = N x fref)
Imod = 2.0 mA (see Figure 7, 8)
Imod = 0 mA
13 & 14
Pout
2.0
–
+ 4.7
–45
–
–
dBm
Hold–in Range (
±∆fref x N)
ML13175 (see Figure 7)
ML13176 (see Figure 8)
13 & 14
±∆f H
3.5
4.0
6.5
8.0
–
–
MHz
Phase Detector Output Error Current
ML13175
ML13176
7
lerror
20
22
25
27
–
–
µA
Oscillator Enable Time (see Figure 22b)
11 & 8
tenable
–
4.0
–
ms
Amplitude Modulation Bandwidth (see Figure 24)
16
BWAM
–
25
–
MHz
Spurious Outputs (Imod = 2.0 mA)
Spurious Outputs (Imod = 0 mA)
13 & 14
13 & 14
Pson
Psoff
–
–
–50
–50
–
–
dBc
Maximum Divider Input Frequency
Maximum Output Frequency
–
13 & 14
fdiv
fo
–
–
950
950
–
–
MHz
* For testing purposes, VCC is ground (see Figure 2).
Figure 2. 320 MHz Test Circuit
NOTES: 1. VCC is ground; while VEE is negative with respect to ground.
2. Pins 5, 10 and 15 are brought to the circuit side of the PCB via plated through holes.
They are connected together with a trace on the PCB and each Pin is decoupled to VCC (ground).
3. Recommended source is Coilcraft “slot seven inductor ” part number 7M3–821.
8
7
6
5
4
3
2
1
Osc
Tank
Coilcraft
150–03J0
8
0.098
µ
VEE
(1)
0.1
µ
27p
f/N
ML13175
Crystal
3rd Overtone
40 MHz
30k
VCC
9
10
11
12
13
14
15
16
10k
Imod
15p
(ML13176)
10p
(ML13175)
ML13175–30p
ML13176–33p
0.82
µ
1.0k
0.01
µ
ML13176
Crystal
Fundamental
10 MHz
(3)
VCC
0.1
µ
0.1
µ
10k
2.2k
Ireg. enable
(1)
0.01
µ
RFout 1
51
51
0.1
µ
0.01
µ
RFout 2
www.lansdale.com
Page 2 of 16
–
–18
–
–39
IssueC Cc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com