Electronic Components Datasheet Search
  English  ▼

X  

ML145159 Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML145159
Description  Serial-Input PLL Frequency Synthesizer with Analog Phase Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145159 Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML145159 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145159 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145159 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145159 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145159 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145159 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145159 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145159 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145159 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.lansdale.com
Page 2 of 10
Issue A
LANSDALE Semiconductor, Inc.
ML145159
BLOCK DIAGRAM
* FSO is not and cannot be used as a digital phase detector output.
′
′
÷
÷
÷
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 10
V
Vin, Vout Input or Output Voltage (DC or Transient)
– 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current (DC or Transient),
per Pin
± 10
mA
IDD, ISS Supply Current, VDD or VSS Pins
± 30
mA
PD
Power Dissipation, per Package
500
mW
Tstg
Storage Temperature
– 65 to + 150
°C
TL
Lead Temperature (8–Second Soldering)
260
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised that
normal precautions be taken to avoid applica-
tions of any voltage higher than maximum rated
voltages to this high–impedance circuit. For
proper operation it is recommended that Vin and
Vout be constrained to the range VSS ≤ (Vin or
Vout) ≤ VDD.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., either VSS
or VDD).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com