Electronic Components Datasheet Search
  English  ▼

X  

ML145158 Datasheet(PDF) 22 Page - LANSDALE Semiconductor Inc.

Part # ML145158
Description  Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145158 Datasheet(HTML) 22 Page - LANSDALE Semiconductor Inc.

Back Button ML145158 Datasheet HTML 18Page - LANSDALE Semiconductor Inc. ML145158 Datasheet HTML 19Page - LANSDALE Semiconductor Inc. ML145158 Datasheet HTML 20Page - LANSDALE Semiconductor Inc. ML145158 Datasheet HTML 21Page - LANSDALE Semiconductor Inc. ML145158 Datasheet HTML 22Page - LANSDALE Semiconductor Inc. ML145158 Datasheet HTML 23Page - LANSDALE Semiconductor Inc. ML145158 Datasheet HTML 24Page - LANSDALE Semiconductor Inc. ML145158 Datasheet HTML 25Page - LANSDALE Semiconductor Inc. ML145158 Datasheet HTML 26Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
www.lansdale.com
Page 22 of 35
#
ML145158
OUTPUT PINS
PDout
Phase Detector A Output (Pin 5)
This single–ended (three–state) phase detector output pro-
duces a loop–error signal that is used with a loop filter to con-
trol a VCO.
Frequency fV > fR or fV Leading: Negative Pulses
Frequency fV < fR or fV Lagging: Positive Pulses
Frequency fV = fR and Phase Coincidence:
High–Impedance State
φR, φV
Phase Detector B Outputs (Pins 16, 15)
Double–ended phase detector outputs. These outputs can be
combined externally for a loop–error signal. A single–ended
output is also available for this purpose (see PDout).
If frequency fV is greater than fR or if the phase of fV is
leading, then error information is provided by
φV pulsing low.
φR remains essentially high.
If the frequency fV is less than fR or if the phase of fV is
lagging, then error information is provided by
φR pulsing low.
φV remains essentially high.
If the frequency of fV = fR and both are in phase, then both
φV and φR remain high except for a small minimum time peri-
od when both pulse low in phase.
MC
Dual–Modulus Prescaler Control Output (Pin 12)
This output generates a signal by the on–chip control logic
circuitry for controlling an external dual–modulus prescaler.
The MC level is low at the beginning of a count cycle and
remains low until the ÷ A counter has counted down from its
programmed value. At this time, MC goes high and remains
high until the ÷ N counter has counted the rest of the way
down from its programmed value (N – A additional counts
since both ÷ N and ÷ A are counting down during the first por-
tion of the cycle). MC is then set back low, the counters preset
to their respective programmed values, and the above sequence
repeated. This provides for a total programmable divide value
(NT) = N • P + A where P and P + 1 represent the dual–modu-
lus prescaler divide values respectively for high and low modu-
lus control levels, N the number programmed into the ÷ N
counter, and A the number programmed into the ÷ A counter.
Note that when a prescaler is needed, the dual–modulus ver-
sion offers a distinct advantage. The dual–modulus prescaler
allows a higher reference frequency at the phase detector input,
increasing system performance capability, and simplifying the
loop filter design.
fR,fV
R Counter Output, N Counter Output (Pins 13, 3)
Buffered, divided reference and fin frequency outputs. The
fR and fV outputs are connected internally to the ÷ R and ÷ N
counter outputs respectively, allowing the counters to be used
independently, as well as monitoring the phase detector inputs.
LD
Lock Detector Output (Pin 7)
This output is essentially at a high level when the loop is
locked (fR, fV of same phase and frequency), and pulses low
when loop is out of lock.
REFout
Buffered Reference Oscillator Output (Pin 14)
This output can be used as a second local oscillator, refer-
ence oscillator to another frequency synthesizer, or as the sys-
tem clock to a microprocessor controller.
POWER SUPPLY
VDD
Positive Power Supply (Pin 4)
The positive power supply potential. This pin may range
from + 3 to + 9 V with respect to VSS.
VSS
Negative Power Supply (Pin 6)
The most negative supply potential. This pin is usually-
ground.
ML145158
LANSDALE Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com