Electronic Components Datasheet Search
  English  ▼

X  

ML145162 Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML145162
Description  60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145162 Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML145162 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.lansdale.com
Page 2 of 24
Issue 0
LANSDALE Semiconductor, Inc.
ML145162
4
25
D
C
B
A
OSCout
OSCin
MCUCLK
ADin
ENB
Din
CLK
TxPS/fTx
fin–R
fin–T
RxPS/fRx
3/
4
fR2
fR1
LD
RxPDout
TxPDout
12–BIT PROGRAMMABLE
REFERENCE COUNTER
12–BIT SHIFT
REGISTER
MCU INTERFACE PROGRAMMING
MODE CONTROL
CONTROL REGISTER
Tx
PHASE
DETECTOR
14–BIT PROGRAMMABLE
AUXILIARY REFERENCE
COUNTER
14–BIT SHIFT
REGISTER
16–BIT SHIFT REGISTER
16–BIT SHIFT REGISTER
16–BIT Tx PROGRAMMABLE
COUNTER
16–BIT Rx PROGRAMMABLE
COUNTER
Rx
PHASE
DETECTOR
7
8
5
2
1
3
4
13
11
14
9
15
16
10
TRANSMIT
SELECT
RECEIVE
SELECT
VDD = PIN 12
VSS = PIN 6
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com