Electronic Components Datasheet Search
  English  ▼

X  

ML145170 Datasheet(PDF) 9 Page - LANSDALE Semiconductor Inc.

Part # ML145170
Description  Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145170 Datasheet(HTML) 9 Page - LANSDALE Semiconductor Inc.

Back Button ML145170 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145170 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145170 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145170 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145170 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145170 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145170 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML145170 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML145170 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LANSDALE Semiconductor, Inc.
ML145170
www.lansdale.com
Page 9 of 26
applications. An external feedback resistor of approximately
5 M
Ω is required across the OSCin and OSCout pins in the
AC–coupled case (see Figure 8a or alternate circuit 8b).
OSCout is an internal node on the device and should not be
used to drive any loads (i.e. OSCout is unbuffered). However,
the buffered REFout is available to drive external loads.
The external signal level must be at least 1 V p–p; the maxi-
mum frequencies are given in the Loop Specifications table.
These maximum frequencies apply for R Counter divide ratios
as indicated in the table. For very small ratios, the maximum
frequency is limited to the divide ratio times 2 MHz. (Reason:
the phase/frequency detectors are limited to a maximum input
frequency of 2 MHz.)
If an external source is available which swings virtually
rail–to–rail (VDD to VSS), then DC coupling can be used. In
the DC–coupled case, no external feedback resistor is needed.
OSCout must be a No Connect to avoid loading an internal
node on the device, as noted above. For frequencies below 1
MHz, DC coupling must be used. The R counter is a static
counter and may be operated down to DC. However, wave
shaping by a CMOS buffer may be required to ensure fast rise
and fall times into the OSCin pin. See Figure 22.
Each rising edge on the OSCin pin causes the R counter to
decrement by one.
REFout
This output is the buffered output of the crystal–generated
reference frequency or externally provided reference source.
This output may be enabled, disabled, or scaled via bits in the
C register (see Figure 14).
REFout can be used to drive a microprocessor clock input,
thereby saving a crystal. Upon power up, the on–chip
power–on–initialize circuit forces REFout to the OSCin divid-
ed–by–8 mode.
REFout is capable of operation to 10 MHz; see the Loop
Specifications table. Therefore, divide values for the reference
divider are restricted to two or higher for OSCin frequencies
above 10 MHz.
If unused, the pin should be floated and should be disabled
via the C register to minimize dynamic power consumption
and electromagnetic interference (EMI).
COUNTER OUTPUT PINS
fR
This signal is the buffered output of the 15–stage R counter.
fR
minimize interference with external circuitry.
The fR signal can be used to verify the R counter’s divide
ratio. This ratio extends from 5 to 32,767 and is determined by
the binary value loaded into the R register. Also, direct access
to the phase detector via the OSCin pin is allowed by choosing
a divide value of 1 (see Figure 15). The maximum frequency
which the phase detectors operate is 2 MHz. Therefore, the fre-
quency of fR must not exceed 2 MHz.
R signal appears as normally low and
pulses high. The pulse width is 4.5 cycles of the OSCin pin sig-
selected, the OSCin signal is buffered and appears at the fR pin.
fV
N Counter Output (Pin 10)
fV can be enabled or disabled via the C register (patented).
The output is disabled (static low logic level) upon power up.
If unused, the output should be left disabled and unconnected
to minimize interference with external circuitry.
The fV signal can be used to verify the N counter’s divide
frequency which the phase detectors operate is 2 MHz.
Therefore, the frequency of fV must not exceed 2 MHz.
When activated, the fV signal appears as normally low and
pulses high.
LOOP PINS
fin
Frequency Input (Pin 4)
This pin is a frequency input from the VCO. This pin feeds
the on–chip amplifier which drives the N counter. This signal
is normally sourced from an external voltage–controlled oscil-
lator (VCO), and is AC–coupled into fin. A 100 pF coupling
mum size recommended for applications (see Figure 7). The
frequency capability of this input is dependent on the supply
voltage as listed in the Loop Specifications table. For small
ratio times 2 MHz. (Reason: the phase/frequency detectors are
limited to a maximum frequency of 2 MHz.)
For signals which swing from at least the VIL to VIH levels
listed in the Electrical Characteristics table, DC coupling
may be used. Also, for low frequency signals, (less than the
minimum frequencies shown in the Loop Specifications
table), DC coupling is a requirement. The N counter is a static
counter and may be operated down to DC. However, wave
shaping by a CMOS buffer may be required to ensure fast rise
and fall times into the fin pin. See Figure 22.
Each rising edge on the fin
ment by 1.
PDout
Single–Ended Phase/Frequency Detector Output (Pin 13)
This is a three–state output for use as a loop error signal
tor’s dead zone has been eliminated. Therefore, the phase/fre-
quency detector is characterized by a linear transfer function.
below and is shown in Figure 17.
POL bit (C7) in the C register = low (see Figure 14)
Frequency of fV > fR or Phase of fV Leading fR: negative
pulses from high impedance
Frequency of fV < fR or Phase of fV Lagging fR: positive
pulses from high impedance
Frequency and Phase of fV = fR; essentially high–impedance
state; voltage at pin determined by loop filter
POL bit (C7) = high
nal, except when a divide ration of 1 is selected. When 1 is
This signal is the buffered output of the 16–stage N counter.
by the binary value loaded into the N register. The maximum
Reference Frequency Output (Pin 3)
capacitor is used for measurement purposes and is the mini-
ratio. This ratio extends from 40 to 65,535 and is determined
divide ratios, the maximum frequency is limited to the divide
pin causes the N counter to decre-
can be enabled or disabled via the C register (patented). The
unused, the output should be left disabled and unconnected to
R Counter Output (Pin 9)
output is disabled (static low logic level) upon power up. If
When activated, the f
The operation of the phase/frequency detector is described
when combined with an external low–pass filter. The detec-
Issue A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com