Electronic Components Datasheet Search
  English  ▼

X  

ML145406 Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML145406
Description  Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145406 Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML145406 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145406 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145406 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145406 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145406 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145406 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145406 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145406 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145406 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.lansdale.com
Page 2 of 10
Issue A
LANSDALE Semiconductor, Inc.
ML145406
MAXIMUM RATINGS (Voltage polarities referenced to GND)
Rating
Symbol
Value
Unit
DC Supply Voltages (VDD ≥ VCC)
VDD
VSS
VCC
– 0.5 to + 13.5
+ 0.5 to – 13.5
– 0.5 to + 6.0
V
Input Voltage Range
Rx1–3 Inputs
DI1–3 Inputs
VIR
(VSS – 15) to (VDD + 15)
– 0.5 to (VCC + 0.5)
V
DC Current Per Pin
± 100
mA
Power Dissipation
PD
1.0
W
Operating Temperature Range
TA
– 40 to + 85
°C
Storage Temperature Rate
Tstg
– 85 to + 150
°C
DC ELECTRICAL CHARACTERISTICS (All polarities referenced to GND = 0 V, TA = – 40 to +85°C)
Parameter
Symbol
Min
Typ
Max
Unit
DC Supply Voltage
VDD
VSS
VCC (VDD ≥ VCC)
VDD
VSS
VCC
4.5
– 4.5
4.5
5 to 12
– 5 to – 12
5.0
13.2
– 13.2
5.5
V
Quiescent Supply Current (Outputs unloaded, inputs low)
VDD = + 12 V
VSS = – 12 V
VCC = + 5 V
IDD
ISS
ICC
—
—
—
140
340
300
400
600
450
µA
RECEIVER ELECTRICAL SPECIFICATIONS
(Voltage polarities referenced to GND = 0 V, VDD = + 5 to + 12 V, VSS = – 5 to – 12 V, VDD ≥ VCC, TA = – 40 to + 85°C)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Turn–on Threshold
Rx1–Rx3
VDO1–DO3 = VOL, VCC = 5.0 V ± 5%
Von
1.35
1.80
2.35
V
Input Turn–off Threshold
Rx1–Rx3
VDO1–DO3 = VOH, VCC = 5.0 V ± 5%
Voff
0.75
1.00
1.25
V
Input Threshold Hysteresis
Rx1–Rx3
VCC = 5.0 V ± 5%
Von–Voff
0.6
0.8
—
V
Input Resistance
Rx1–Rx3
(VSS – 15 V) ≤ VRx1–Rx3 ≤ (VDD + 15 V)
Rin
3.0
5.4
7.0
k
High–Level Output Voltage (VRx1–Rx3 = – 3 V to (VSS – 15 V))*
DO1–DO3
IOH = – 20 µA, VCC = + 5.0 V
IOH = –1 mA, VCC = + 5.0 V
VOH
4.9
3.8
4.9
4.3
—
—
V
Low–Level Output Voltage (VRx1–Rx3 = + 3 V to (VDD + 15 V))* DO1–DO3
IOL = + 20 µA, VCC = + 5.0 V
IOL = + 2 mA, VCC = + 5.0 V
IOL = + 4 mA, VCC = + 5.0 V
VOL
—
—
—
0.01
0.02
0.5
0.1
0.5
0.7
V
* This is the range of input voltages as specified by EIA 232–E to cause a receiver to be in the high or low logic state.
This device contains protection circuitry to pro-
tect the inputs against damage due to high static
voltages or electric fields; however, it is advised
that normal precautions be taken to avoid applica-
tion of any voltage higher than maximum rated
voltages to this high impedance circuit. For proper
operation, it is recommended that the voltages at
the DI and DO pins be constrained to the range
GND
≤VDI≤VCCandGND≤VDO≤VCC.Also,the
voltage at the Rx pin should be constrained to
(VSS – 15 V) ≤ VRx1–3 ≤ (VDD + 15 V), and Tx
should be constrained to VSS ≤ VTx1–3 ≤ VDD.
Unused inputs must always be tied to an ap-
propriate logic voltage level (e.g., GND or VCC for
DI and Ground for Rx.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com