Electronic Components Datasheet Search
  English  ▼

X  

ML145170EP Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML145170EP
Description  Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145170EP Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML145170EP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145170EP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145170EP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145170EP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145170EP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145170EP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145170EP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145170EP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145170EP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LANSDALE Semiconductor, Inc.
ML145170
www.lansdale.com
Page 2 of 26
ML145170
BLOCK DIAGRAM
φ
φ
This device contains 4,800 active transistors.
MAXIMUM RATINGS (Voltages Referenced to VSS)
Parameter
Symbol
Value
Unit
DC Supply Voltage
VDD
–0.5 to 5.5
V
DC Input Voltage
Vin
–0.5 to VDD + 0.5
V
DC Output Voltage
Vout
–0.5 to VDD + 0.5
V
DC Input Current, per Pin
Iin
±10
mA
DC Output Current, per Pin
Iout
±20
mA
DC Supply Current VDD and VSS Pins
IDD
±30
mA
Power Dissipation, per Package
PD
300
mW
Storage Temperature
Tstg
–65 to 150
°C
Lead Temperature, 1 mm from Case
for 10 seconds
TL
260
°C
NOTES: 1. Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in teh Electrical Characteristics
tables or Pin Descriptions section.
This device contains protection circuitry to
guard against damage due to high static
voltages or electric fields. However, pre-
cautions must be taken to avoid applications of
any voltage higher than maximum rated vol-
tages to this high–impedance circuit. For proper
operation, Vin and Vout
to the range VSS ≤ (Vin or Vout) ≤VDD.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g. either VSS
or VDD). Unused outputs must be left open.
should be constrained
Issue A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com