Electronic Components Datasheet Search
  English  ▼

X  

10121 Datasheet(PDF) 1 Page - Atom Lighting

Part # 10121
Description  AT9012 TRI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

10121 Datasheet(HTML) 1 Page - Atom Lighting

  10121 Datasheet HTML 1Page - Atom Lighting 10121 Datasheet HTML 2Page - Atom Lighting 10121 Datasheet HTML 3Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AT9012 TRI
11W LED Downlight Tri-Colour Supplied With
Dimmable Driver
Ideal for residential, retail, showroom and
decorative lighting applications
Supplied with a dimmable LED driver
Long life and durability
Suitable for 24 hour use
Easy to install
ORDERING INFORMATION
Order code
11148
Description
11W LED Downlight with
Dimmable Driver - 90
degree beam - White - TRI -
SER II
Driver Power
12 W
Driver Type
Dimmable ( Phase cut)
Item Code
AT9012/WH/TRI
EFFICIENCIES
Total System Efficiency
114 lm/W
The performance of each component of a luminaire is
demonstrated through its efficiencies, which together
determine the total system efficiency of the product. The
output of the LED chip is first multiplied by the optical and
thermal efficiencies to calculate the Luminaire efficiency.
However, this calculation does not consider the driver
efficiency. To determine the overall efficiency of the system,
the Luminaire efficiency must be multiplied by the driver
efficiency, which accounts for all losses in the system.
MECHANICAL
Adjustability
Fixed
Body Material
Aluminium
Diffuser Material
PMMA
Product Finish
Powder coated
Fitting Colour
White
IC Rating
IC-4
IC-4 rating has been conducted at the products maximum
working Temperature Range (C) in line with Australian
standards. This provides the required safety when covered
with insulation and used in Australian Environments.
Installation Type
Recessed
IP Rating
IP44 Front Face Only
ELECTRICAL
Electrical Rating
Class II
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%.
This effectively means that the voltage range of these
products are 216Vac - 253Vac or 240V +6%
Maximum Wattage
11 W
Power Factor
0.9
Switch Type
Inline
System Max Wattage
12 W
Working Temp Range
0 to 40 °C
LAMP
Macadam Steps (SDCM)
4-step MacAdam Ellipse
Beam Angle
90 °
CCT Configuration
TRI-CCT
Colour Rendering Index (CRI)
>80
Lamp/LED Current
350 mA
LED Type
Diffused
Number of Lamps
1
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 10121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10121 ETC-10121 Datasheet
116Kb / 1P
Heyco짰 Nylon PCB Supports - Imperial Spacing
logo
Turck, Inc.
10121 TURCK-10121 Datasheet
293Kb / 4P
Inductive Sensor
11/07/2023
logo
Heyco.
10121 HEYCO-10121 Datasheet
113Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Atom Lighting
10121 ATOM-10121 Datasheet
220Kb / 3P
AT9012 FR
23rd of January 2025 00:49:04
10121 ATOM-10121 Datasheet
852Kb / 3P
AT9012 TRI
23rd of January 2025 01:08:19
More results

Similar Description - 10121

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT116-OG MARKTECH-MT116-OG Datasheet
34Kb / 1P
TRI-STATE LAMPS
MT205-HRG MARKTECH-MT205-HRG Datasheet
49Kb / 1P
TRI-STATE LAMPS?
logo
Siemens Semiconductor G...
PSB6520 SIEMENS-PSB6520 Datasheet
424Kb / 15P
Tone Ringer (TRI)
logo
New Japan Radio
NJU6342 NJRC-NJU6342 Datasheet
308Kb / 4P
TRI-STATE BUFFER
logo
Pomona Electronics
5955 POMONA-5955 Datasheet
17Kb / 1P
Tri-Fold Pouch
logo
Winchester Electronics ...
SD7705-1 WINCHESTER-SD7705-1 Datasheet
69Kb / 1P
PLUG, TRI-LOC
SD7705-3 WINCHESTER-SD7705-3 Datasheet
67Kb / 1P
PLUG, TRI-LOC
SD7705-9 WINCHESTER-SD7705-9 Datasheet
66Kb / 1P
PLUG, TRI-LOC
logo
Abracon Corporation
ASE2SERIES ABRACON-ASE2SERIES Datasheet
1Mb / 3P
Tri state function
08.06.14
logo
Alliance Semiconductor ...
AS7C38096B ALSC-AS7C38096B Datasheet
724Kb / 11P
tri-static output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com