Electronic Components Datasheet Search
  English  ▼

X  

ML145403P Datasheet(PDF) 8 Page - LANSDALE Semiconductor Inc.

Part # ML145403P
Description  Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145403P Datasheet(HTML) 8 Page - LANSDALE Semiconductor Inc.

  ML145403P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145403P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145403P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145403P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145403P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145403P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145403P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145403P Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.lansdale.com
Page 8 of 8
Issue A
LANSDALE Semiconductor, Inc.
ML145403, ML145404, ML145405, ML145408
SO 20W = -6P
(ML145403-6P, ML145404-6P, ML145405-6P)
OUTLINE DIMENSIONS
SOG PACKAGE
CASE 751D–04
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.150
(0.006) PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.13
(0.005) TOTAL IN EXCESS OF D DIMENSION
AT MAXIMUM MATERIAL CONDITION.
–A–
–B–
20
1
11
10
S
A
M
0.010 (0.25)
B S
T
D
20X
M
B
M
0.010 (0.25)
P
10X
J
F
G
18X
K
C
–T– SEATING
PLANE
M
R X 45
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
12.65
12.95
0.499
0.510
B
7.40
7.60
0.292
0.299
C
2.35
2.65
0.093
0.104
D
0.35
0.49
0.014
0.019
F
0.50
0.90
0.020
0.035
G
1.27 BSC
0.050 BSC
J
0.25
0.32
0.010
0.012
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
10.05
10.55
0.395
0.415
R
0.25
0.75
0.010
0.029
SO 24W = -6P
(ML145408-6P)
SOG PACKAGE
CASE 751E–04
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN
EXCESS OF D DIMENSION AT MAXIMUM
MATERIAL CONDITION.
–A–
–B–
P
12X
D
24X
12
13
24
1
M
0.010 (0.25)
B M
S
A
M
0.010 (0.25)
B S
T
–T–
G
22X
SEATING
PLANE
K
C
R X 45
M
F
J
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
15.25
15.54
0.601
0.612
B
7.40
7.60
0.292
0.299
C
2.35
2.65
0.093
0.104
D
0.35
0.49
0.014
0.019
F
0.41
0.90
0.016
0.035
G
1.27 BSC
0.050 BSC
J
0.23
0.32
0.009
0.013
K
0.13
0.29
0.005
0.011
M
0
8
0
8
P
10.05
10.55
0.395
0.415
R
0.25
0.75
0.010
0.029
Lansdale Semiconductor reserves the right to make changes without further notice to any products herein to improve reliabili-
ty, function or design. Lansdale does not assume any liability arising out of the application or use of any product or circuit
described herein; neither does it convey any license under its patent rights nor the rights of others. “Typical” parameters which
may be provided in Lansdale data sheets and/or specifications can vary in different applications, and actual performance may
vary over time. All operating parameters, including “Typicals” must be validated for each customer application by the customer’s
technical experts. Lansdale Semiconductor is a registered trademark of Lansdale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com