Electronic Components Datasheet Search
  English  ▼

X  

10121 Datasheet(PDF) 1 Page - Atom Lighting

Part # 10121
Description  AT9012 FR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

10121 Datasheet(HTML) 1 Page - Atom Lighting

  10121 Datasheet HTML 1Page - Atom Lighting 10121 Datasheet HTML 2Page - Atom Lighting 10121 Datasheet HTML 3Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AT9012 FR
12W LED Fire Rated Downlight With Dimmable
Driver
Ideal for residential, retail, showroom and
decorative lighting applications
Acoustic rating according to AS/NZS ISO 717.1:2004
Fire rating FRL_/120/120 in accordance with AS
1530.4:2014.
Simulated ceiling fire resistance test of Horizontal
separating elements - Section 4 - 4.1.2 Part (e)
Ceiling system.
Assessment of site installation suitability
recommended by accredited person (Fire Assessor)
prior to purchase.
Supplied with a dimmable LED driver
Long life and durability
Suitable for 24 hour use
ORDERING INFORMATION
Order code
11434
Description
12W LED Fire rated
Downlight w/Dimm Driver -
120o beam - Warm White -
IP65
Driver Power
12 W
Driver Type
Dimmable ( Phase cut)
Item Code
AT9012/WH/FR/WW
EFFICIENCIES
Total System Efficiency
81 lm/W
The performance of each component of a luminaire is
demonstrated through its efficiencies, which together
determine the total system efficiency of the product. The
output of the LED chip is first multiplied by the optical and
thermal efficiencies to calculate the Luminaire efficiency.
However, this calculation does not consider the driver
efficiency. To determine the overall efficiency of the system,
the Luminaire efficiency must be multiplied by the driver
efficiency, which accounts for all losses in the system.
MECHANICAL
Adjustability
Fixed
Body Material
Aluminium
Product Finish
Powder coated
Fitting Colour
White
IC Rating
IC-4
IC-4 rating has been conducted at the products maximum
working Temperature Range (C) in line with Australian
standards. This provides the required safety when covered
with insulation and used in Australian Environments.
Installation Type
Recessed
IP Rating
IP65 Front Face Only
ELECTRICAL
Electrical Rating
Class II
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%.
This effectively means that the voltage range of these
products are 216Vac - 253Vac or 240V +6%
Maximum Wattage
12 W
Power Factor
0.9
Switch Type
Inline
System Max Wattage
12 W
Working Temp Range
0 to 40 °C
LAMP
Macadam Steps (SDCM)
5-step MacAdam Ellipse
Beam Angle
120 °
CCT Configuration
Single
Colour Rendering Index (CRI)
>80
Lamp/LED Current
350 mA
LED Type
Diffused
Number of Lamps
1
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 10121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10121 ETC-10121 Datasheet
116Kb / 1P
Heyco짰 Nylon PCB Supports - Imperial Spacing
logo
Turck, Inc.
10121 TURCK-10121 Datasheet
293Kb / 4P
Inductive Sensor
11/07/2023
logo
Heyco.
10121 HEYCO-10121 Datasheet
113Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Atom Lighting
10121 ATOM-10121 Datasheet
819Kb / 3P
AT9012 TRI
22nd of January 2025 19:21:57
10121 ATOM-10121 Datasheet
852Kb / 3P
AT9012 TRI
23rd of January 2025 01:08:19
More results

Similar Description - 10121

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
AM0912-150 ASI-AM0912-150 Datasheet
50Kb / 1P
FR POWER TRANSISTOR
REV. A
logo
General Cable Technolog...
C9009ZH GENERAL-C9009ZH Datasheet
172Kb / 1P
2C22 FR-LSZH, UNSHIELDED FR-LSZH Jacket EXZEL FR-LSZH Cable
C9010ZH GENERAL-C9010ZH Datasheet
172Kb / 1P
3C22 FR-LSZH, UNSHIELDED FR-LSZH Jacket EXZEL FR-LSZH Cable
C9011ZH GENERAL-C9011ZH Datasheet
172Kb / 1P
4C22 FR-LSZH, UNSHIELDED FR-LSZH Jacket EXZEL FR-LSZH Cable
C9012ZH GENERAL-C9012ZH Datasheet
172Kb / 1P
6C22 FR-LSZH, UNSHIELDED FR-LSZH Jacket EXZEL FR-LSZH Cable
C9013ZH GENERAL-C9013ZH Datasheet
172Kb / 1P
8C22 FR-LSZH, UNSHIELDED FR-LSZH Jacket EXZEL FR-LSZH Cable
C9014ZH GENERAL-C9014ZH Datasheet
172Kb / 1P
10C22 FR-LSZH, UNSHIELDED FR-LSZH Jacket EXZEL FR-LSZH Cable
C9015ZH GENERAL-C9015ZH Datasheet
172Kb / 1P
15C22 FR-LSZH, UNSHIELDED FR-LSZH Jacket EXZEL FR-LSZH Cable
C9124ZH GENERAL-C9124ZH Datasheet
172Kb / 1P
15C20 FR-LSZH, FOIL SHIELDED FR-LSZH Jacket EXZEL FR-LSZH Cable
logo
XFMRS Inc.
XFWBC4-19G2 XFMRS-XFWBC4-19G2 Datasheet
82Kb / 1P
FR TRANSFORMER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com