Electronic Components Datasheet Search
  English  ▼

X  

18455 Datasheet(PDF) 2 Page - Atom Lighting

Part # 18455
Description  Sanur
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

18455 Datasheet(HTML) 2 Page - Atom Lighting

  18455 Datasheet HTML 1Page - Atom Lighting 18455 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COMPLIANCE
Standards
AS/NZS 60335.1
AS/NZS 60335.2.80
AS/NZS 60598.1
AS/NZS 60598.2.2
AS CISPR 15
AS/NZS 4268
WARRANTY
Domestic Use Warranty
4 Onsite, 2 RTB (Total 6
years)
DIMENSIONS
Product Height
324 mm
Product Weight
4550 g
Product Width
1220 mm
LINE DRAWINGS
SANUR/48/LT
ACCESSORIES
Order code
12508
Description
Remote control for DC
ceiling fans - Remote only -
Black
Item Code
DCREMOTE/BK
Order code
12513
Description
1500mm Extension rod for
ceiling fans w/loom - white
Item Code
ROD/150/WH
Order code
12511
Description
900mm Extension rod for
ceiling fans w/loom - white
Item Code
ROD/90/WH
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com