Electronic Components Datasheet Search
  English  ▼

X  

ML145407 Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML145407
Description  5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145407 Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML145407 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145407 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145407 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145407 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145407 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145407 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145407 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145407 Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.lansdale.com
Issue A
LANSDALE Semiconductor, Inc.
ML145407
Page 2 of 8
Tx
FUNCTION DIAGRAM
VDD
VCC
DI
1.4 V
VSS
300
Ω
LEVEL
SHIFT
DRIVER
*
VCC
OSC
VOLTAGE
DOUBLER
VOLTAGE
INVERTER
C3
VDD
C1
C1 – C1 +
C2
C2 +
C2 –
VSS
GND
C4
+
+
+
+
VCC
DO
1.0 V
1.8 V
VSS
Rx
VDD
5.4 k
15 k
Ω
VDD
* Proctection circuit
RECEIVER
CHARGE PUMPS
+
–
+
–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com