Electronic Components Datasheet Search
  English  ▼

X  

ML145403RP Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML145403RP
Description  Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145403RP Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML145403RP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145403RP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145403RP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145403RP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145403RP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145403RP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145403RP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145403RP Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.lansdale.com
Page 2 of 8
Issue A
LANSDALE Semiconductor, Inc.
ML145403, ML145404, ML145405, ML145408
ML145403
3 DRIVERS/5 RECEIVERS
R
R
D
D
R
D
VDD
Rx1
Tx1
Rx2
Rx3
Tx2
Rx4
Rx5
Tx3
VSS
VCC
DO1
DI1
DO2
DO3
DI2
DO4
DO5
DI3
GND
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
PIN ASSIGNMENTS
(DIP AND SOG)
ML145404
4 DRIVERS/4 RECEIVERS
R
R
R
D
D
R
D
D
VDD
Rx1
Tx1
Rx2
Tx2
Rx3
Tx3
Rx4
Tx4
VSS
VCC
DO1
DI1
DO2
DI3
DO3
DI3
DO4
DI4
GND
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
ML145405
5 DRIVERS/3 RECEIVERS
R
D
D
R
D
D
VDD
Rx1
Tx1
Tx2
Rx2
Tx3
Tx4
Rx3
Tx5
VSS
VCC
DO1
DI1
DI2
DO2
DI3
DI4
DO3
DI5
GND
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
R
D
R
D
R
D
R
D
R
D
VDD
Rx1
Tx1
Rx2
Tx2
Rx3
Tx3
Rx4
Tx4
Rx5
1
2
3
4
5
6
7
8
9
10
DI1
DO2
DI2
DO3
DI3
DO4
DI4
DO5
DI5
GND
22
21
20
19
18
17
16
15
14
13
24
23
11
12
VCC
DO1
VSS
Tx5
ML145408
5 DRIVERS/5 RECEIVERS
R
R
R
D
FUNCTIONAL DIAGRAM
ESD
PROTECTION
+
–
DO
Rx
5.4 k
Ω
15 k
Ω
VDD
VSS
VCC
Tx
300
Ω
+
–
LEVEL
SHIFT
1.0 V
1.8 V
VCC
DI
1.4 V
VCC
VSS
RECEIVER
DRIVER
VDD
+
–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com