Electronic Components Datasheet Search
  English  ▼

X  

SST5486 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SST5486
Description  N-Channel JFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST5486 Datasheet(HTML) 4 Page - Vishay Siliconix

  SST5486 Datasheet HTML 1Page - Vishay Siliconix SST5486 Datasheet HTML 2Page - Vishay Siliconix SST5486 Datasheet HTML 3Page - Vishay Siliconix SST5486 Datasheet HTML 4Page - Vishay Siliconix SST5486 Datasheet HTML 5Page - Vishay Siliconix SST5486 Datasheet HTML 6Page - Vishay Siliconix SST5486 Datasheet HTML 7Page - Vishay Siliconix SST5486 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2N/SST5484 Series
Vishay Siliconix
www.vishay.com
4
Document Number: 70246
S-50148—Rev. G, 24-Jan-05
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
On-Resistance and Output Conductance
vs. Gate-Source Cutoff Voltage
rDS
gos
rDS @ ID = 300 mA, VGS = 0 V
gos @ VDS = 10 V, VGS = 0 V
f = 1 kHz
Drain Current and Transconductance
vs. Gate-Source Cutoff Voltage
IDSS
gfs
IDSS @ VDS = 10 V, VGS = 0 V
gfs @ VDS = 10 V, VGS = 0 V
f = 1 kHz
VGS(off) − Gate-Source Cutoff Voltage (V)
VDG − Drain-Gate Voltage (V)
ID − Drain Current (mA)
VDS − Drain-Source Voltage (V)
VDS − Drain-Source Voltage (V)
Gate Leakage Current
0.1 mA
IGSS @ 25_C
TA = 25_C
TA = 125_C
IGSS @
125_C
Output Characteristics
Output Characteristics
Common-Source Forward
Transconductance vs. Drain Current
0.1
1
10
10
8
0
VGS(off) = −3 V
TA = −55_C
25_C
125_C
−0.2 V
−0.4 V
−0.6 V
−0.8 V
−1.2 V
−1.0 V
VGS = 0 V
−0.6 V
−0.9 V
−1.2 V
−1.5 V
−1.8 V
VGS = 0 V
−0.3 V
10
8
0
6
4
2
20
0
16
12
8
4
0
−10
−2
−4
−6
−8
100
80
0
60
40
20
500
0
400
300
200
100
0
−10
−2
−4
−6
−8
012
8
416
20
0.1 pA
1 pA
10 pA
100 pA
1 nA
10 nA
100 nA
6
4
2
10
0
8
6
4
2
010
24
6
8
15
0
12
9
6
3
010
24
6
8
VGS(off) − Gate-Source Cutoff Voltage (V)
VDS = 10 V
f = 1 kHz
VGS(off) = −2 V
VGS(off) = −3 V
ID = 5 mA
1 mA
0.1 mA
ID = 5 mA
1 mA
−1.4 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com