Electronic Components Datasheet Search
  English  ▼

X  

DN86 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # DN86
Description  Reduced component count and compact reference design for MR16 replacement lamps using multiple 1W LEDs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

DN86 Datasheet(HTML) 1 Page - Zetex Semiconductors

  DN86 Datasheet HTML 1Page - Zetex Semiconductors DN86 Datasheet HTML 2Page - Zetex Semiconductors DN86 Datasheet HTML 3Page - Zetex Semiconductors DN86 Datasheet HTML 4Page - Zetex Semiconductors DN86 Datasheet HTML 5Page - Zetex Semiconductors DN86 Datasheet HTML 6Page - Zetex Semiconductors DN86 Datasheet HTML 7Page - Zetex Semiconductors DN86 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 1 - October 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
DN86
Reduced component count and compact reference
design for MR16 replacement lamps using multiple
1W LEDs
Silvestro Russo, October 2007
Introduction
MR16 lamps are one variety of Multifaceted Reflector (MR) lamps that usually employ a halogen
filament capsule as the light source. They are used in many retail and consumer lighting
applications where their size, configurability, spot-lighting capability and aesthetics provide utility
and creativity. Low efficiency, heat generation and halogen capsule handling issues are among
the disadvantages of the technology. They typically operate from 12V DC or 12V AC, using
conventional electromagnetic transformers.
LEDs offer a more energy efficient and no radiated heat solution to replace some halogen lamp
applications.
This reference design is intended to fit into the base connector space of an MR16 style LED lamp.
The design has been optimized for part count and thermal performance. The design can be used
with up to 3 1W LEDs in the Lens section. This can be arranged to suit the luminary designer's
requirements.
Figure 1
MR16 application with ZXLD1350
Data sheet
It is recommended that this design note is used with the data sheet for the ZXLD1350 see
http://www.zetex.com/3.0/pdf/ZXLD1350.pdf


Similar Part No. - DN86

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN8643S PANASONIC-DN8643S Datasheet
42Kb / 4P
24-bit Shift Register Latch Driver IC
DN8648FBP PANASONIC-DN8648FBP Datasheet
45Kb / 4P
32-bit Shift Register Latch Driver IC
DN8667NS PANASONIC-DN8667NS Datasheet
49Kb / 5P
8-Bit Shift Register Latch Constant Current Driver IC
DN8690 PANASONIC-DN8690 Datasheet
27Kb / 2P
4-circuit Darlington Driver Array (High Breakdown Voltage : 60V, Large Drive Current : 1.5A)
DN8695 PANASONIC-DN8695 Datasheet
30Kb / 2P
9-circuit Darlington Driver Array (High Breakdown Voltage : 50V, Large Drive Current : 1.5A)
More results

Similar Description - DN86

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP1204 SIPEX-SP1204 Datasheet
379Kb / 4P
Component count summary
logo
International Rectifier
IRPLCFL1 IRF-IRPLCFL1 Datasheet
119Kb / 6P
POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST
logo
BetLux Electronics
BL-HP7E-1W BETLUX-BL-HP7E-1W Datasheet
236Kb / 4P
1W LEDs , suitable for illumination lamps and decorative lighting
REV NO: V.4
BL-HP9E-1W BETLUX-BL-HP9E-1W Datasheet
218Kb / 4P
1W LEDs , suitable for illumination lamps and decorative lighting
REV NO: V.4
BL-HP51A-2W BETLUX-BL-HP51A-2W Datasheet
127Kb / 3P
1W LEDs , suitable for illumination lamps and decorative lighting
REV NO: V.4
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1712 AVAGO-ALM-1712 Datasheet
288Kb / 17P
Low external component count
ALM-2506 AVAGO-ALM-2506 Datasheet
128Kb / 9P
Low component count
logo
STMicroelectronics
STEVAL-ILL044V1 STMICROELECTRONICS-STEVAL-ILL044V1 Datasheet
192Kb / 4P
Low component count
29-Jun-2012
EVALKIT-ROBOT-1 STMICROELECTRONICS-EVALKIT-ROBOT-1 Datasheet
1Mb / 15P
Compact reference design kit for robotics and automation based on STSPIN32F0A
Feb-2020
logo
ON Semiconductor
TND373 ONSEMI-TND373 Datasheet
410Kb / 14P
1W to 5W LED Driver for MR16 LED
Rev.0, Oct-2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com