Electronic Components Datasheet Search
  English  ▼

X  

AM-16P Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # AM-16P
Description  REGULAR SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

AM-16P Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  AM-16P Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GEARBOX CHARACTER
GEARBOX DATA
Gear type
Output shaft
Main gear
Ring gear
Adapter plate
Bearing AT output
Number of stage
Reduction ratio X:1
Reduction ratio absolute
Gearbox lenght “L” (mm)
1
3.3
3.8
4.4
5.4
2
11
12
14
16
18
19
20
24
29
3
37
41
47
53
62
64
72
76
84
97
104
109
128
158
4
175
198
231
270
316
370
410
455
522
561
591
690
850
5
742
1014
1185
1386
1621
1996
2458
3027
3728
4592
Axial play
Directions
Average backlash on load
Radial Play
Permisssible axial load
Permissible force press fits
Recommended inut speed
Operating temperature range
Operating humidity range
Straight teeth
Stainless steel hardened
Alloy Steel
Steel
Copper
Ball bearing
0-0.3
CW/CCW
≤3º
≤0.04
≤10N
≤50N (5mm from mounting face)
≤10000RPM
-20ºC ~ +100ºC
10-90%RH
63/19
15/4
57/13
27/5
3249/169
81/4
1539/65
729/25
250049/6859
59635/1444
3375/64
14175/304
12825/208
1215/16
185193/2197
45927/475
87723/845
2187/20
41553/325
19683/125
204687/3211
48735/676
21625/1216
50625/256
192375/832
731025/2704
2777895/8788
6561/16
5000/211/10985
1240029/2375
2368521/4225
59049/100
10556001/28561
1121931/625
531441/625
759375/1024
10965375/10816
41668425/35152
158340015/114244
601692057/371293
285012027/142805
135005697/54925
18.5
22.4
26.3
30.2
34.0
Max. continuous torque (N.m)
0.3
0.5
0.6
0.7
0.7
Max. intermitten torque (N.m)
0.5
0.7
0.9
1
1
Gearbox efficiency
90%
81%
72%
18.5
23
12
22.4
26
10.7
26.3
33
30.2
40
65%
59%
Moment of inertia range (g.cm2)
0.06
0.05
0.05
0.05
0.05
Gearbox weight approx (g)
Modulus
Press angle
Teeth number
Max gear hole “A”
Max motor shaft
Motor dimension “D”
Gear motor length LT
Gearbox length L1
Motor length L2
Encoder length L3
23
0.3
20°
10 13 16 19
1.5
1.5
2.0
2.0
6.0
28
31
36
40
Gearbox model
AM-16PA-X-01
AM-16PB-X-01
AM-16PC-X-01
AM-16PD-X-01
AM-16PE-X-01
AM-16P Example of combination
Recommend Motor:
Coreless Motor:
AM-CL1642MA
Recommend Encoder:
Suitable for Coreless Motor
Encoder S: AM-EN1611S***
Suitable for Brushless Motor
Encoder S: AM-EN1611S***
Encoder T: AM-EN1612T***
Coreless Motor (w/E):
AM-CL1623MAN
AM-CL1626MAN
AM-CL1633MAN
AM-CL1643MAN
Brushless Motor (w/E)
AM-BL1640A/B
INPUT GEARBOX DATA
GEARBOX MOTOR LENGTH “LT”
AM-16P Series
63950067/21125
30292137/8125
14348907/3125
MOTOR DIMENSION
PLANETARY GEARBOX
REGULAR SERIES
Download datasheet: https://assunmotor.com/documents-download
±0.3
±0.1
10.7
10.7
52.2
59.1
70
82.2
3969/361
945/76
225/16
855/52
1701/95
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - AM-16P

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-160 MACOM-AM-160 Datasheet
219Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
logo
M/A-COM Technology Solu...
AM-160 MA-COM-AM-160 Datasheet
67Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-160 MA-COM-AM-160 Datasheet
67Kb / 3P
Low Noise Amplifier
logo
Tyco Electronics
AM-160PIN MACOM-AM-160PIN Datasheet
219Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-160PIN MACOM-AM-160PIN Datasheet
214Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
More results

Similar Description - AM-16P

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSP-M16MW012C05 LUMEX-SSP-M16MW012C05 Datasheet
3Mb / 3P
Drop in replacement as regular bulbs at compatible rated voltage
logo
Advantech Co., Ltd.
UNO-2473G ADVANTECH-UNO-2473G_15 Datasheet
684Kb / 2P
Intel짰 Atom??Regular-Size Automation Computer w/ 4 x GbE, 3 x mPCIe,HDMI/VGA
logo
Witten Company, Inc.
120 WITTEN-120 Datasheet
106Kb / 1P
THREADED INSERT, BLIND, REGULAR HEAD STYLE LIGHT DUTY-PRESS IN
121 WITTEN-121 Datasheet
113Kb / 1P
THREADED INSERT, BLIND, REGULAR HEAD STYLE LIGHT DUTY-PRESS IN
130 WITTEN-130 Datasheet
120Kb / 1P
THREADED INSERT, BLIND, REGULAR HEAD STYLE LIGHT DUTY
140 WITTEN-140 Datasheet
123Kb / 1P
THREADED INSERT, BLIND, REGULAR HEAD STYLE MEDIUM DUTY
150 WITTEN-150 Datasheet
147Kb / 1P
THREADED INSERT, BLIND, REGULAR HEAD STYLE HEAVY DUTY, "HIGH PERFORMANCE"||" "1147082
THREADED INSERT, BLIND, REGULAR HEAD STYLE HEAVY D
180 WITTEN-180 Datasheet
20Kb / 1P
THREADED INSERT, THRU, REGULAR HEAD STYLE
181 WITTEN-181 Datasheet
20Kb / 1P
INSERT, THRU, REGULAR HEAD STYLE
logo
Advantech Co., Ltd.
UNO-148 ADVANTECH-UNO-148 Datasheet
1Mb / 5P
Regular Fanless DIN Rail Controller with 11th gen Intel® Core™ i processor
28-Sep-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com