Electronic Components Datasheet Search
  English  ▼

X  

AM-26P Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # AM-26P
Description  REGULAR SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

AM-26P Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  AM-26P Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PLANETARY GEARBOX
REGULAR SERIES
Download datasheet: https://assunmotor.com/documents-download
GEARBOX CHARACTER
GEARBOX DATA
Gear type
Output shaft
Main gear
Ring gear
Adapter plate
Bearing AT output
Number of stage
Reduction ratio X:1
Reduction ratio absolute
Gearbox lenght “L” (mm)
1
3.4
3.8
4.4
5.3
6.7
2
12
13
15
17
28
29
35
44
18
19
20
23
26
3
40
45
50
56
65
74
85
95
106
121
129
152
184
233
296
4
296
327
375
405
447
534
637
760
860
965
1016
1136
1304
1556
1975
Axial play
Directions
Average backlash on load
Radial Play
Permisssible axial load
Permissible force press fits
Recommended inut speed
Operating temperature range
Operating humidity range
Straight teeth
Stainless steel hardened
Alloy Steel
Steel
Alluminium alloy
Ball bearing
0-0.3
CW/CCW
≤2º
≤0.1
≤80N
≤150N (5mm from mounting face)
≤8000RPM
-20ºC ~ +100ºC
10-90%RH
24/7
23/6
22/5
21/4
576/49
92/7
529/36
253/15
18/1
484/25
161/8
231/10
230/9
441/16
88/3
35/1
400/9
13824/343
2208/49
1053/21
12167/2
5819/90
189/2
3381/32
4851/40
1936/15
3200/21
735/4
700/3
8000/27
5566/75
10648/125
85169/288
122452/375
234256/625
25921/64
53361/100
194481/256
7744/9
15435/16
64000/63
92000/81
101871/160
35200/27
14000/9
160000/81
28.2
34.5
40.8
47.1
Max. continuous torque (N.m)
1.3
1.7
2.1
2.6
Max. intermitten torque (N.m)
1.9
2.6
3.2
3.8
Gearbox efficiency
90%
81%
72%
72.2
28.2
32
90.2
34.5
45
12
10.7
65%
Moment of inertia range (g.cm2)
1
0.9
0.6
0.6
Gearbox weight approx (g)
Modulus
Press angle
Teeth number
Max gear hole “A”
Max motor shaft
Motor dimension “D”
Gear motor length LT
Gearbox length L1
Motor length L2
Encoder length L3
65
0.4
20°
9 12 15 18 21
1.5
1.5
3.0
3.0
4.0
4.0
10.0
85
105
120
Gearbox model
AM-26PA-X-01
AM-26PB-X-01
AM-26PC-X-01
AM-26PD-X-01
AM-26P Example of combination
Recommend Motor:
Recommend Encoder:
Suitable for Coreless Motor
Encoder S: AM-EN1611S***
Suitable for Brushless Motor
Encoder S: AM-EN1611S***
Encoder T: AM-EN2412T***
Coreless Motor (w/E):
AM-CL2532MAN
AM-CL2545MAN
Brushless Motor (w/E)
AM-BL2453AN
INPUT GEARBOX DATA
GEARBOX MOTOR LENGTH “LT”
AM-26P Series
MOTOR DIMENSION
7±0.3
±0.1
20/3
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - AM-26P

ManufacturerPart #DatasheetDescription
logo
ASSUN MOTOR Pte Ltd.
AM-26HP ASSUN-AM-26HP Datasheet
299Kb / 1P
HIGH PERFORMANCE SERIES
2023
More results

Similar Description - AM-26P

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSP-M16MW012C05 LUMEX-SSP-M16MW012C05 Datasheet
3Mb / 3P
Drop in replacement as regular bulbs at compatible rated voltage
logo
Advantech Co., Ltd.
UNO-2473G ADVANTECH-UNO-2473G_15 Datasheet
684Kb / 2P
Intel짰 Atom??Regular-Size Automation Computer w/ 4 x GbE, 3 x mPCIe,HDMI/VGA
logo
Witten Company, Inc.
120 WITTEN-120 Datasheet
106Kb / 1P
THREADED INSERT, BLIND, REGULAR HEAD STYLE LIGHT DUTY-PRESS IN
121 WITTEN-121 Datasheet
113Kb / 1P
THREADED INSERT, BLIND, REGULAR HEAD STYLE LIGHT DUTY-PRESS IN
130 WITTEN-130 Datasheet
120Kb / 1P
THREADED INSERT, BLIND, REGULAR HEAD STYLE LIGHT DUTY
140 WITTEN-140 Datasheet
123Kb / 1P
THREADED INSERT, BLIND, REGULAR HEAD STYLE MEDIUM DUTY
150 WITTEN-150 Datasheet
147Kb / 1P
THREADED INSERT, BLIND, REGULAR HEAD STYLE HEAVY DUTY, "HIGH PERFORMANCE"||" "1147082
THREADED INSERT, BLIND, REGULAR HEAD STYLE HEAVY D
180 WITTEN-180 Datasheet
20Kb / 1P
THREADED INSERT, THRU, REGULAR HEAD STYLE
181 WITTEN-181 Datasheet
20Kb / 1P
INSERT, THRU, REGULAR HEAD STYLE
logo
Advantech Co., Ltd.
UNO-148 ADVANTECH-UNO-148 Datasheet
1Mb / 5P
Regular Fanless DIN Rail Controller with 11th gen Intel® Core™ i processor
28-Sep-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com