Electronic Components Datasheet Search
  English  ▼

X  

AM-36P Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # AM-36P
Description  REGULAR SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

AM-36P Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  AM-36P Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PLANETARY GEARBOX
REGULAR SERIES
Download datasheet: https://assunmotor.com/documents-download
GEARBOX CHARACTER
GEARBOX DATA
Gear type
Output shaft
Main gear
Ring gear
Adapter plate
Bearing AT output
Number of stage
Reduction ratio X:1
Reduction ratio absolute
Gearbox lenght “L” (mm)
1
2
3
4
Axial play
Directions
Average backlash on load
Radial Play
Permisssible axial load
Permissible force press fits
Recommended inut speed
Operating temperature range
Operating humidity range
Straight teeth
Stainless steel hardened
Alloy Steel
Steel
Aluminium alloy
Ball bearing
0-0.3
CW/CCW
≤2.5º
≤0.06
≤150N
≤240N (5mm from mounting face)
≤8000RPM
-20ºC ~ +100ºC
10-90%RH
Max. continuous torque (N.m)
Max. intermitten torque (N.m)
Gearbox efficiency
Moment of inertia range (g.cm2)
Gearbox weight approx (g)
Modulus
Press angle
Teeth number
Max gear hole “A”
Max motor shaft
Motor dimension “D”
Gear motor length LT
Gearbox length L1
Motor length L2
Encoder length L3
Gearbox model
AM-36P Example of combination
Recommend Motor:
Coreless Motor: (w/E)
AM-CL3570GAN
Recommend Encoder:
Suitable for Coreless Motor
Encoder S: AM-EN2211S***
Encoder T: AM-EN2412T***
Suitable for Brushless Motor
Encoder S: AM-EN2211S***
Encoder T: AM-EN3612T***
Brushless Motor (w/E)
AM-BL3660AN
AM-BL3675BF
AM-BL3690BF
INPUT GEARBOX DATA
GEARBOX MOTOR LENGTH “LT”
AM-36P Series
12
22
40
83
162
224
399
649
1270
13
26
44
98
171
255
421
738
14
32
50
111
202
283
446
824
16
19
40
66
131
322
513
948
3.4
3.8
4.3
5.1
6.3
75
150
358
570 1078
75/22
72/19
69/16
66/13
63/10
5625/484
2700/209
5814/361
621/38
4761/256
2277/104
4356/169
2079/65
3969/100
421875/10648
101250/2299
388125/7744
16200/247
15525/208
20493/247
313632/3211
75141/676
287496/2197
71441/475
137214/845
273861/1600
130977/650
607500/2717
1164375/4576
139725/494
1071225/3328
1414017/3952
4499145/11264
1352538/3211
980100/2197
107163/209
5143824/9025
2464749/3800
18896409/25600
9056124/10985
2250423/2375
17253243/16000
8251551/6500
30.7
2.7
4
90%
4.9
162
AM-36PA-X-01
39.3
3.6
5.3
81%
4.9
208
AM-36PB-X-01
47.9
4.5
6.6
72%
6.1
288
AM-36PC-X-01
56.5
5.4
7.9
65%
6.1
323
AM-36PD-X-01
0.5
20°
13
2.5
4.0
5.0
2.5
4.0
5.0
6.0
6.0
10
13
16
19
22
30.7
39.3
70.5
60.5
12
10.7
MOTOR DIMENSION
±0.3
2
4
±0.1
113.2
110.5
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
2023-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.


Similar Part No. - AM-36P

ManufacturerPart #DatasheetDescription
logo
ASSUN MOTOR Pte Ltd.
AM-36GP ASSUN-AM-36GP Datasheet
140Kb / 1P
PRECISION SERIES
2020
AM-36HP ASSUN-AM-36HP Datasheet
1Mb / 1P
HIGH PERFORMANCE SERIES
2024-A
More results

Similar Description - AM-36P

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSP-M16MW012C05 LUMEX-SSP-M16MW012C05 Datasheet
3Mb / 3P
Drop in replacement as regular bulbs at compatible rated voltage
logo
Advantech Co., Ltd.
UNO-2473G ADVANTECH-UNO-2473G_15 Datasheet
684Kb / 2P
Intel짰 Atom??Regular-Size Automation Computer w/ 4 x GbE, 3 x mPCIe,HDMI/VGA
logo
Witten Company, Inc.
120 WITTEN-120 Datasheet
106Kb / 1P
THREADED INSERT, BLIND, REGULAR HEAD STYLE LIGHT DUTY-PRESS IN
121 WITTEN-121 Datasheet
113Kb / 1P
THREADED INSERT, BLIND, REGULAR HEAD STYLE LIGHT DUTY-PRESS IN
130 WITTEN-130 Datasheet
120Kb / 1P
THREADED INSERT, BLIND, REGULAR HEAD STYLE LIGHT DUTY
140 WITTEN-140 Datasheet
123Kb / 1P
THREADED INSERT, BLIND, REGULAR HEAD STYLE MEDIUM DUTY
150 WITTEN-150 Datasheet
147Kb / 1P
THREADED INSERT, BLIND, REGULAR HEAD STYLE HEAVY DUTY, "HIGH PERFORMANCE"||" "1147082
THREADED INSERT, BLIND, REGULAR HEAD STYLE HEAVY D
180 WITTEN-180 Datasheet
20Kb / 1P
THREADED INSERT, THRU, REGULAR HEAD STYLE
181 WITTEN-181 Datasheet
20Kb / 1P
INSERT, THRU, REGULAR HEAD STYLE
logo
Advantech Co., Ltd.
UNO-148 ADVANTECH-UNO-148 Datasheet
1Mb / 5P
Regular Fanless DIN Rail Controller with 11th gen Intel® Core™ i processor
28-Sep-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com