Electronic Components Datasheet Search
  English  ▼

X  

ILHB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ILHB
Description  High Current Multilayer Ferrite Beads
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILHB Datasheet(HTML) 1 Page - Vishay Siliconix

  ILHB Datasheet HTML 1Page - Vishay Siliconix ILHB Datasheet HTML 2Page - Vishay Siliconix ILHB Datasheet HTML 3Page - Vishay Siliconix ILHB Datasheet HTML 4Page - Vishay Siliconix ILHB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 34102
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 06-Mar-07
145
ILHB
Vishay Dale
High Current Multilayer Ferrite Beads
FEATURES
• High reliability
• Surface mountable
• Current rating up to 6 amps
• Magnetically self shielded
• Nickel barrier plating virtually eliminates silver
migration
• 100 % lead (Pb)-free and RoHS compliant
RoHS
COMPLIANT
MECHANICAL SPECIFICATIONS
Solderability: 90 % coverage after 5 second dip in 235 °C
solder following 60 second preheat at 120 °C type R flux dip
Resistance To Solder Heat: 10 seconds in 260 °C solder
after preheat and flux per above
Terminal Strength: (0603) 0.3 kg, (0805) 0.6 kg, (1206)
1.0 kg, (1806) 1.0 kg, (1812) 1.5 kg for 30 seconds
Beam Strength: (0603) 0.3 kg, (0805) 1.0 kg, (1206) 2.0 kg,
(1806) 2.5 kg, (1812) 2.5 kg
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: - 55 °C to + 125 °C
Thermal Shock: 100 cycles, - 40 °C to + 125 °C
Biased Humidity: 85 % RH at 85 °C, 1000 hours at full rated
current
STANDARD ELECTRICAL SPECIFICATIONS
PART
NUMBER
IMPEDANCE
(± 25 %)
IMPEDANCE
FREQUENCY
(MHz)
DCR
MAX.
(Ohms)
RATED DC
CURRENT
(mA)
ILHB-0603
ILHB-0603
ILHB-0805
ILHB-0805
ILHB-0805
ILHB-0805
ILHB-0805
ILHB-0805
ILHB-1206
ILHB-1206
ILHB-1206
ILHB-1206
ILHB-1206
ILHB-1806
ILHB-1812
ILHB-1812
ILHB-1812
60
120
30
60
90
120
250
600
50
75
120
500
600
60
120
600
1300
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
50
60
0.10
0.10
0.015
0.03
0.025
0.03
0.04
0.10
0.02
0.03
0.02
0.06
0.10
0.02
0.02
0.04
0.05
2000
2000
6000
3000
5000
5000
3000
2000
6000
3000
6000
2500
2500
6000
6000
3000
3000
DIMENSIONS in inches [millimeters]
SIZE
A
B
C
D
0603
0.06 ± 0.006
[1.6 + 0.15]
0.03 ± 0.006
[0.8 ± 0.15]
0.03 ± 0.006
[0.8 ± 0.15]
0.012 ± 0.008
[0.30 ± 0.20]
0805
0.079 ± 0.008
[2.0 ± 0.2]
0.049 ± 0.008
[1.25 ± 0.2]
0.035 + 0.008
[0.9 ± 0.2]
0.02 ± 0.012
[0.50 ± 0.30]
1206
0.126 ± 0.008
[3.2 ± 0.2]
0.063 ± 0.008
[1.6 ± 0.2]
0.043 ± 0.008
[1.1 ± 0.2]
0.02 ± 0.012
[0.50 ± 0.30]
1806
0.177 ± 0.010
[4.5 ± 0.25]
0.063 ± 0.008
[1.6 ± 0.2]
0.063 ± 0.008
[1.6 ± 0.2]
0.024 ± 0.016
[0.60 ± 0.40]
1812
0.177 ± 0.010
[4.5 ± 0.25]
0.126 ± 0.010
[3.2 ± 0.25]
0.06 ± 0.01
[1.5 ± 0.25]
0.024 ± 0.016
[0.60 ± 0.40]
DESCRIPTION
GLOBAL PART NUMBER
IL
H
B
2
2
06
E
R
1
1
V
1
IMPEDANCE
VALUE
IMPEDANCE
TOLERANCE
IMPEDANCE
VALUE
IMPEDANCE
TOLERANCE
PACKAGE
CODE
PACKAGE
CODE
SIZE
MODEL
MODEL
SIZE
JEDEC LEAD (Pb)-FREE
STANDARD
Dimensional Outline
A
B
Ferrite
Body
C
D


Similar Part No. - ILHB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILHB VISHAY-ILHB Datasheet
134Kb / 5P
High Current Multilayer Ferrite Beads
19-Jun-12
ILHB VISHAY-ILHB Datasheet
132Kb / 5P
High Current Multilayer Ferrite Beads
11-Aug-2022
ILHB-0603 VISHAY-ILHB-0603 Datasheet
244Kb / 2P
SMD Magnetics Packaging Methods
15-Jan-14
ILHB-0603 VISHAY-ILHB-0603 Datasheet
134Kb / 5P
High Current Multilayer Ferrite Beads
19-Jun-12
ILHB-0603 VISHAY-ILHB-0603 Datasheet
134Kb / 5P
High Current Multilayer Ferrite Beads
19-Jun-12
More results

Similar Description - ILHB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILHB1812ER121V VISHAY-ILHB1812ER121V Datasheet
134Kb / 5P
High Current Multilayer Ferrite Beads
19-Jun-12
ILHB0805ER900V VISHAY-ILHB0805ER900V Datasheet
134Kb / 5P
High Current Multilayer Ferrite Beads
19-Jun-12
ILHB1206ER500V VISHAY-ILHB1206ER500V Datasheet
134Kb / 5P
High Current Multilayer Ferrite Beads
19-Jun-12
ILHB0603ER121V VISHAY-ILHB0603ER121V Datasheet
134Kb / 5P
High Current Multilayer Ferrite Beads
19-Jun-12
ILHB1812ER601V VISHAY-ILHB1812ER601V Datasheet
134Kb / 5P
High Current Multilayer Ferrite Beads
19-Jun-12
logo
List of Unclassifed Man...
PMH1206-601 ETC2-PMH1206-601 Datasheet
37Kb / 1P
Multilayer High-Current Ferrite Chip Beads
logo
Frontier Electronics.
TI201209 FRONTIER-TI201209 Datasheet
131Kb / 2P
SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI321611 FRONTIER-TI321611 Datasheet
127Kb / 2P
SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI322513 FRONTIER-TI322513 Datasheet
122Kb / 2P
SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
logo
Vishay Siliconix
ILHB VISHAY-ILHB_V01 Datasheet
132Kb / 5P
High Current Multilayer Ferrite Beads
11-Aug-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com