Electronic Components Datasheet Search
  English  ▼

X  

AM-PC3589GAF Datasheet(PDF) 1 Page - ASSUN MOTOR Pte Ltd.

Part # AM-PC3589GAF
Description  BUILT-IN SERVO DRIVE INTEGRATED MOTOR-Brushed
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSUN [ASSUN MOTOR Pte Ltd.]
Direct Link  https://assunmotor.com/
Logo ASSUN - ASSUN MOTOR Pte Ltd.

AM-PC3589GAF Datasheet(HTML) 1 Page - ASSUN MOTOR Pte Ltd.

  AM-PC3589GAF Datasheet HTML 1Page - ASSUN MOTOR Pte Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L2 :PC35
89.3
1352
S
28
.0 N
4.0 mm
Preset
-40 to 100 °C
9.1
K/W
5.5
N
100
N
≤0.02 mm
155°C
V
V
mA
mA
mN.m/A
mN·m
rpm
Pulse / circle
mN.m
second
gcm2
g
L1:
36GP
L1:
40GP
39.6
46.8
48.6
3
. RS485-B
1
. CAN-H
4
. RS485-A
2
. CAN-L
57.6
58.3
69.8
ASSUN SERVO MOTOR
BUILT-IN SERVO DRIVE
INTEGRATED MOTOR-Brushed
AM-PC3589GAF SERIES (Built-In CAN+RS485 Communication
Protocol,Pulse+Direction Control )
6
. PULS
8
. DGND
7
. SIGN
5
. NC
Nominal voltage
Voltage Range
Standby current
Rated current
Torque constant
Rated torque
Rated speed
Pulse number / circle
Overload torque
Maximum overload time
Moment of inertia
Weight
Motor Model
Brushed Servo Motor
Ball Bearing
Note: Excessive shock loads and periodic oscillations can cause the motor to run unsteadily. Stabilize the system by improving the load.
Additional Information
Motor thermal resistance:
Axial (dynamic):
Press-fit force (static):
Maximum radial runout (5mm from the thread surface):
Maximum winding temperature
Motor thermal time constant:
Radial (5mm from head face):
Max allowable screw depth info flange:
Axial play:
Ambient temperature range:
Pin Definition
PC software and full set of data:
Part Information
Control function description
CANOPEN DS 301 + 402
(Default node id: 0x08,500kbps)
MODBUS RS485 (RTU)
Default node id: 0X08
Baud rate:57600bps,8,1,N,N.
Wiring diagram
Website:https://www.assunmotor.com.cn/zlxz
Total Length LT=L1+L2+L3
AM-PC3589GAF Combiniation Scheme
Recommended Gearbox:
AM-36GP
AM-40GP
For more combination specs, visit Assun Motor website.
Note: The customer can select the gearbox to match the motor. It is
recommended to weld motor shaft gears, some of which are listed
here for reference.
Download datasheet: https://assunmotor.com/documents-download
Visit Our Website and Online Shop at https://assunmotor.com Contact: info@assunmotor.com
202
4-A Edition. Specifications are subject to change without notice. Copyright Assun Motor Pte Ltd. All Rights Reserved.
PULS (Pules input)
SIGN (Direction input)
Incorrect wiring will damage the
built-in driver of the motor!
AM-45GP
1206
12
14.5~9.5
5
5
1204
12
14
.5~9.5
55
2408
24
21.5~26.5
35
2406
24
21.5~26.5
35
2404
24
21.5~26.5
35
16384
16384
16384
16384
16384
5
5
5
5
5
5500
96.6
17.25
5600
193.2
105.3
383.3
3500
112.8
25.6
4400
225.6
108.7
385.2
7400
103.1
27.1
3800
206.2
111
385.2
5400
107.3
35.8
3000
214.6
108.4
385.5
3400
116
52.7
2200
232
105.6
383.2
Servo Motor
Cable color Pin1:Red,the other:Gray


Similar Part No. - AM-PC3589GAF

ManufacturerPart #DatasheetDescription
logo
ASSUN MOTOR Pte Ltd.
AM-PC3589GAN ASSUN-AM-PC3589GAN Datasheet
2Mb / 1P
BUILT-IN SERVO DRIVE INTEGRATED MOTOR-Brushed
2024-A
More results

Similar Description - AM-PC3589GAF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR7440PBF IRF-IRFR7440PBF Datasheet
298Kb / 11P
Brushed Motor drive applications
IRFS7430PBF IRF-IRFS7430PBF Datasheet
385Kb / 11P
Brushed motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
Brushed Motor drive applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com