Electronic Components Datasheet Search
  English  ▼

X  

OPA348 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA348
Description  1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA348 Datasheet(HTML) 5 Page - Texas Instruments

  OPA348 Datasheet HTML 1Page - Texas Instruments OPA348 Datasheet HTML 2Page - Texas Instruments OPA348 Datasheet HTML 3Page - Texas Instruments OPA348 Datasheet HTML 4Page - Texas Instruments OPA348 Datasheet HTML 5Page - Texas Instruments OPA348 Datasheet HTML 6Page - Texas Instruments OPA348 Datasheet HTML 7Page - Texas Instruments OPA348 Datasheet HTML 8Page - Texas Instruments OPA348 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
OPA348, 2348, 4348
5
SBOS213C
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, RL = 100kΩ connected to VS / 2 and VOUT = VS / 2, unless otherwise noted.
OPEN-LOOP GAIN AND PSRR vs TEMPERATURE
–75
Temperature (
°C)
–50
–25
0
25
50
75
100
125
150
130
120
110
100
90
80
70
60
A
OL, RL = 100kΩ
A
OL, RL = 5kΩ
PSRR
OFFSET VOLTAGE DRIFT MAGNITUDE
PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/°C)
12
3
4
5
6
7
8
9
10
11
12
25
20
15
10
5
0
Typical production
distribution of
packaged units.
COMMON-MODE REJECTION vs TEMPERATURE
–75
Temperature (
°C)
–50
–25
0
25
50
75
100
125
150
100
90
80
70
60
50
V– < V
CM < (V+) – 1.7V
V– < V
CM < V+
QUIESCENT AND SHORT-CIRCUIT CURRENT
vs TEMPERATURE
Temperature (
°C)
I
SC
I
Q
75
65
55
45
35
25
15
16
14
12
10
8
6
4
–75
–50
–25
0
25
50
75
100
125
150
INPUT BIAS (I
B) CURRENT vs TEMPERATURE
10k
1k
100
10
1
0.1
–75
Temperature (
°C)
–50
–25
0
25
50
75
100
125
150
–6
–5
–4
–3
–2
–1
012
3
4
5
6
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (mV)
20
18
16
14
12
10
8
6
4
2
0
Typical production
distribution of
packaged units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com